Electronic Components Datasheet Search
  English  ▼

X  

9201 Datasheet(PDF) 1 Page - B&K Precision Corporation

Part # 9201
Description  Multi-Range Programmable DC Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

9201 Datasheet(HTML) 1 Page - B&K Precision Corporation

  9201 Datasheet HTML 1Page - B&K Precision Corporation 9201 Datasheet HTML 2Page - B&K Precision Corporation 9201 Datasheet HTML 3Page - B&K Precision Corporation 9201 Datasheet HTML 4Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Multi-Range Programmable DC Power Supplies
9200 Series
Data Sheet
www.bkprecision.com
Technical data subject to change
© B&K Precision Corp. 20
20
The 9200 Series can replace multiple supplies on
your bench or in your rack. Unlike conventional
supplies with fixed output ratings, the 9200
Series automatically recalculates voltage and
current limits for each setting, providing max
output power in any Volt/Amp combination within
the rated voltage and current limits.
These supplies provide a numerical keypad for
direct entry of voltage and current values along
with convenient cursors and a rotary knob to
quickly make incremental voltage and current
changes. For remote control, the standard USB,
RS232, and GPIB interfaces supporting SCPI
commands can be used to remotely control the
Features
I
Multi-ranging operation
I
High programming and readback resolution of
1mV / 0.1 mA
I
Store and recall up to 72 instrument settings
I
Output timer function
I
List mode programming
I
Standard USB (USBTMC-compliant), RS232,
and GPIB interfaces supporting SCPI
commands for remote control
I
Remote sense
I
Thermostatically controlled fan
I
Built-in digital voltmeter (DVM)
I
Overvoltage/overpower/overtemperature
protection, and key-lock function
I
NI certified LabVIEW driver and softpanel for
remote control, test sequence generation, and
datalogging available
I
Compact 19” half-rack form factor allows for
side-by-side rack mounting of two units
Model
9201
9202
9205
9206
Max Voltage
60 V
60 V
60 V
150 V
Max Current
10 A
15 A
25 A
10 A
Max Power
200 W
360 W
600 W
600 W
power supplies via a PC. Alternatively, users can
control the power supply, execute test sequences
or log measurements using the provided PC
software application. This software also
integrates with Data Dashboard for LabVIEW
apps enabling iOS, Android, or Windows 8
compatible tablets or smartphones to remotely
monitor select measurement indicators.
These features make the 9200 Series suitable for
a wide range of applications including production
testing, R&D, electronic field service, and
education.
IT-E151 rack mount kit accessory


Similar Part No. - 9201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9201 ETC2-9201 Datasheet
2Mb / 4P
Multi-ranging operation
logo
Belden Inc.
9201 BELDEN-9201 Datasheet
159Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Solid BC, 80% BC Braid, PVC Jkt
05-01-2023
logo
Heyco.
9201 HEYCO-9201 Datasheet
93Kb / 1P
Drive Fasteners
logo
Belden Inc.
9201-0101000 BELDEN-9201-0101000 Datasheet
159Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Solid BC, 80% BC Braid, PVC Jkt
05-01-2023
9201-010500 BELDEN-9201-010500 Datasheet
159Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Solid BC, 80% BC Braid, PVC Jkt
05-01-2023
More results

Similar Description - 9201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9170 ETC2-9170 Datasheet
286Kb / 6P
Programmable Dual-Range DC Power Supplies
logo
Keysight Technologies
E3646A KEYSIGHT-E3646A Datasheet
808Kb / 6P
Programmable DC Power Supplies
logo
B&K Precision Corporati...
9110 BK-9110 Datasheet
726Kb / 1P
Multi-Range 60 V DC Power Supplies
9115 BK-9115 Datasheet
742Kb / 5P
Multi-Range Programmable DC Power Supplies
MR25080 BK-MR25080 Datasheet
2Mb / 7P
High Voltage Multi-Range DC Power Supplies
9103 BK-9103 Datasheet
1Mb / 3P
Multi-Range DC Power Supplies
9170 BK-9170 Datasheet
2Mb / 6P
Programmable Dual-Range DC Power Supplies
9170B BK-9170B Datasheet
2Mb / 6P
Programmable Dual-Range DC Power Supplies
9140 BK-9140 Datasheet
2Mb / 7P
Triple Output Multi-Range DC Power Supplies
9200B BK-9200B Datasheet
1Mb / 6P
Multi-Range Programmable DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com