Electronic Components Datasheet Search
  English  ▼

X  

9830 Datasheet(PDF) 4 Page - B&K Precision Corporation

Part # 9830
Description  Programmable AC Power Source
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

9830 Datasheet(HTML) 4 Page - B&K Precision Corporation

  9830 Datasheet HTML 1Page - B&K Precision Corporation 9830 Datasheet HTML 2Page - B&K Precision Corporation 9830 Datasheet HTML 3Page - B&K Precision Corporation 9830 Datasheet HTML 4Page - B&K Precision Corporation 9830 Datasheet HTML 5Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Programmable AC Power Source
9830 Series
4
www.bkprecision.com
Flexible operation
Arbitrary waveform generation in amplifier mode
To further extend the capabilities of the 9830 series, custom waveforms can be applied to the analog BNC input. The custom waveform can be created using
WaveXpressTM, a comprehensive stand-alone B&K Precision application, allowing users to easily generate, edit, and upload custom waveforms to an arbitrary
waveform generator, which then drives the AC power source output. WaveXpressTM allows users to define waveforms by importing a csv file, define it freehand on the
computer, or by importing a real-world waveform captured on a digital oscilloscope.
Key Features
- Calculate DC power and single- or three-phase AC true power, reactive power, and
apparent power
- Delta-wye transformation calculator
- AWG size calculator to determine wire diameter, cross-sectional area, and resistance
- Voltage drop calculator
- Ampacity table for insulated conductors per NEC Table 310.16
- Horsepower calculator for AC/DC motors
- THD harmonics calculator
ElectriKit
A helpful tool for electricians, technicians, engineers, students, hobbyists
and anyone dealing with electrical power.
Built-in web server that allows users to
configure, control, or monitor the basic settings
of the power source from a remote computer
using a web browser.
Web server interface
Generate waveform
Amplify waveform
Input waveform
0 to 6 Vrms 1200 Hz
User-defined harmonic waveforms
PC software is provided
for front panel emulation,
generating and executing
List, Step, and Pulse modes,
and logging measurement data
without the need to write
source code.
Create harmonic waveforms by specifying the amplitude and phase
of each harmonic up to the 40th order.
Front panel emulation
Create user-defined waveforms on a
computer and download in to 5 user
memory locations.
Select 1 of 14 available
measurements for each of the 3 screens
TM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com