Electronic Components Datasheet Search
  English  ▼

X  

9830 Datasheet(PDF) 3 Page - B&K Precision Corporation

Part # 9830
Description  Programmable AC Power Source
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

9830 Datasheet(HTML) 3 Page - B&K Precision Corporation

  9830 Datasheet HTML 1Page - B&K Precision Corporation 9830 Datasheet HTML 2Page - B&K Precision Corporation 9830 Datasheet HTML 3Page - B&K Precision Corporation 9830 Datasheet HTML 4Page - B&K Precision Corporation 9830 Datasheet HTML 5Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Programmable AC Power Source
9830 Series
3
www.bkprecision.com
Flexible operation
Adjustable AC/DC voltage levels, frequency and timing parameters allow for simulation of voltage drops and periodic power surges and sags. Step, pulse and list
modes are used to generate complex power line disturbance simulations. Select from built-in waveforms or generate user-defined waveforms with the included PC
software or by connecting an arbitrary waveform generator to the instrument’s analog input.
Generate step-up or step-down output based
on user-defined voltage, frequency, phase, and
interval settings.
Step mode
List mode supports the generation of complex
output sequences with varying time, amplitude,
frequency, and voltage. Up to 100 steps in 10
programs can be saved and executed. This
allows the user to build a wide range of
waveforms to simulate power grid faults and
disturbances.
List mode
Pulse mode allows the generation of single or
multiple pulses with user defined voltage, duty
cycle, and phase. Either AC or DC (-424.0 to
+424.0 V) output operation is supported.
Pulse mode
Select sine, square, clipped sine or harmonic distortion waveforms. Set amplitude, frequency and phase.
Waveform operations
The 9830 Series is capable of generating AC+DC waveforms. When operating in pulse, step and list
mode, the AC signal can be combined with either a positive or negative DC offset voltage, allowing users
to create a wide range of waveforms.
Examples of DC offset
DC offset
Select from 30 built-in THD (total harmonic distortion) waveforms
Built-in THD Waveforms
THD
29
THD
15
THD
00



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com