Electronic Components Datasheet Search
  English  ▼

X  

9832 Datasheet(PDF) 5 Page - B&K Precision Corporation

Part # 9832
Description  Programmable AC Power Source
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

9832 Datasheet(HTML) 5 Page - B&K Precision Corporation

  9832 Datasheet HTML 1Page - B&K Precision Corporation 9832 Datasheet HTML 2Page - B&K Precision Corporation 9832 Datasheet HTML 3Page - B&K Precision Corporation 9832 Datasheet HTML 4Page - B&K Precision Corporation 9832 Datasheet HTML 5Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Programmable AC Power Source
9830 Series
5
www.bkprecision.com
v051717
Specifications
Model
9832
9833
AC Output
Output Phase
Single
Maximum Power
2000 VA
3000 VA
Voltage
Range1 (rms)
Low
0 to 150 V
High
0 to 300 V
Current (rms)
Low
20 A
30 A
High
10 A
15 A
Current (peak)
Low
65 A (< 100 Hz)
50 A (> 100 Hz)
97.5 A (< 100 Hz)
75 A (> 100 Hz)
High
32.5 A (< 100 Hz)
25 A (> 100 Hz)
48.75 A (< 100 Hz)
37.5 A (> 100 Hz)
Frequency Range
45 Hz to 1.2 kHz
Phase Range
0 - 359.7 º
Total
Harmonic
Distortion2
45 Hz to 400 Hz
0.5 %
> 400 Hz to 1 kHz
1 %
> 1 k to 1.2 kHz
2 %
Line Regulation3
0.1 %
Load Regulation3
0.1 %
Temp. Coefficient
0.2 % per ºC
Crest Factor
45 Hz to 100 Hz
3.25
100 Hz to 1.2 kHz
2.5
Efficiency4
80 % (typical)
DC Output
Maximum Power
1000 W
1500 W
Voltage Range1
Low
0 to ± 212 V
High
0 to ± 424 V
Current
Low
10 A
15 A
High
5 A
7.5 A
Ripple and Noise (20 Hz to 20 MHz)
≤ 300 mVrms / ≤ 3 Vpp
Output Characteristics
Transient Response Time
1.5 ms (typical)
Output Impedance
≤ 1 Ω
Programming
Resolution
Voltage
0.1 V
Phase
0.1 º
Frequency
0.01 Hz (< 100 Hz)
0.1 Hz (> 100 Hz)
Accuracy
Voltage
AC
0.2 % + 0.2 % F.S.
DC
0.2 % + 0.4 % F.S.
Phase
0.15 %
Frequency
± 1 % (45 Hz to 100 Hz)
Note: All specifications apply to the unit after a temperature stabilization time of 15 minutes over an
ambient temperature range of 23 °C ± 5 °C.
1 - The maximum voltage is limited to 310 Vrms and ± 438 Vdc
2 - > 66% to full range
3 - AC mode with sine wave and remote sense enabled
4 - 150 VAC (150 V range) and 300 VAC (300 V range) with nominal input AC voltage.
5 - Analog programming pin available on digital I/O connector
Measurement
Resolution
Voltage
0.1 V
Current
0.01 A
Power
0.01 W
Frequency
0.01 Hz (< 100 Hz)
0.1 Hz (> 100 Hz)
Accuracy
Voltage
AC
0.25 % + 0.25 % F.S.
DC
0.25 % + 0.5 % F.S.
Current
AC
0.25 % + 0.375 % F.S. (rms)
0.4 % + 0.75 % F.S. (Peak)
0.25 % + 0.25 % F.S. (rms)
0.25 % + 0.5 % F.S. (Peak)
DC
0.25 %+3 % F.S
0.25 %+2% F.S
Power
1 % of F.S. for frequency ≤ 500 Hz
2 % of F.S. for frequency > 500 Hz
Frequency
0.5 %
AC Input
Voltage
190 V to 250 V
Frequency
47 Hz to 63 Hz
Maximum Power
2500 VA
3800 VA
Maximum Current
13.2 A
20 A
Power Factor
0.98 (typical)
General
Analog
BNC Input
Input
Voltage Range
0 to ± 12.5 V
Input Impedance
200 kΩ
Bandwidth
1.2 kHz
Storage Memory
10 programs, up to 100 steps total (List mode)
5 memory locations for user-defined waveforms
9 instrument settings
Remote Interface
Analog programming5, USB (USBTMC or virtual COM),
RS2325, GPIB, and Ethernet
Command Response time
50 ms
Protection
OVP, OCP, OPP, OTP
Operating Temperature
32 °F to 104 °F (0 °C to 40 °C)
Storage Temperature
-40 °F to 185 °F (-40 °C to 85 °C)
Environmental Conditions
≤ 80% Relative Humidity up to 35 ºC, non-condensing
Dimensions (W x H x D)
16.5” x 5.2” x 22” (420 x 132 x 560 mm)
Weight
52.9 lbs (24 kg)
Three-Year Warranty
Included Accessories
AC power cord with input connector, test report &
certificate of calibration
Optional Accessories
Rackmount ears & handles (RK3U)
For the most current user manual visit: bkprecision.com
Unterminated AC power cord (Standard)
Rackmount ears with handles (Optional)
RK3U
9830 Series Accessories



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com