Electronic Components Datasheet Search
  English  ▼

X  

9832 Datasheet(PDF) 1 Page - B&K Precision Corporation

Part # 9832
Description  Programmable AC Power Source
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

9832 Datasheet(HTML) 1 Page - B&K Precision Corporation

  9832 Datasheet HTML 1Page - B&K Precision Corporation 9832 Datasheet HTML 2Page - B&K Precision Corporation 9832 Datasheet HTML 3Page - B&K Precision Corporation 9832 Datasheet HTML 4Page - B&K Precision Corporation 9832 Datasheet HTML 5Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
Programmable AC Power Source
9830 Series
Technical data subject to change
© B&K Precision Corp. 2017
www.bkprecision.com
Model
9832
9833
Max. power
2000 VA
3000 VA
Max. voltage
AC (rms)
150 V / 300 V
DC
± 212 V / ± 424 V
Max. current (rms)
0 - 150 V
20 A
30 A
0 - 300 V
10 A
15 A
Frequency range
45 Hz - 1200 Hz
Total harmonic distortion (THD)
≤ 0.5 % at 45 Hz - 400 Hz (resistive load)
Remote interface
LAN, USB, GPIB, and RS232
Applications
• Pre-compliance testing according to
IEC61000-3-2 and IEC61000-4-11/14/28/34
Simulate common grid faults, voltage dips
and other disturbances
• Evaluate transformers, TRIACs, SCRs, and
passive components
• Manufacturing and single-phase avionics
testing
Clipped Sine Wave
Measurement display
All 12 measurements can be displayed simultaneously on
a large and bright 4.3” color LCD
USB
LAN
RS232
GPIB
Features & Benefits
n
AC, DC and AC+DC power source
n
Low total harmonic distortion meets the IEC
61000-3-2 standard
n
Comprehensive measurement capabilities
Vrms, Arms, Vdc, +Apk, -Apk, inrush current,
frequency, power factor, apparent power,
reactive power, true power, and crest factor
n
0.98 power factor at AC input stage
n
Built-in standard waveforms sine, square,
clipped sine
n
30 built-in THD waveforms
n
Amplifier mode with 1.2 kHz bandwidth for
generating user-defined arbitrary waveforms
n
Step, List and Pulse modes for generating
power line disturbance (PLD) simulations. List
mode supports 10 user-defined programs with
up to 100 programmable steps
n
Generate custom harmonic waveforms on a PC
and download them to the instrument’s
5 non-volatile memory locations
n
Digital I/O port supporting external trigger,
transient indication, failure status indication,
remote inhibit, RS232, and external analog
output level programming interface
n
Comprehensive protection modes OVP, OCP,
OPP, OTP, fan failure, output timer and key
lock
n
LabVIEW™ driver and application software
with soft panel for remote control available
n
Control the AC source from a standard web
browser via built-in web server
The 9830 Series programmable AC power
sources provide high performance and low total
harmonic distortion in a 3U form factor. The
addition of positive and negative DC offset
voltages expands the AC capabilities to operate
in DC and AC+DC output coupling modes. The
user can select built-in and user-defined
harmonic waveforms or select from standard sine,
square or clipped sine outputs. The high output
current crest factor and low input resistance are
suitable for high inrush current measurements
when evaluating capacitive or inductive loads.


Similar Part No. - 9832

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9832 ETC2-9832 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, polyethylene insulation
logo
Belden Inc.
9832 BELDEN-9832 Datasheet
158Kb / 2P
RS232/422 Low Cap, #24-5pr, PE, O/A FoilBraid, PVC Jkt, CM, 100Ω
05-05-2023
logo
Pro-Signal
9832-1.5M PROSIGNAL-9832-1.5M Datasheet
33Kb / 1P
HQ-Scart-3XPhono, Lead
28/03/11
logo
Belden Inc.
9832.060100 BELDEN-9832.060100 Datasheet
158Kb / 2P
RS232/422 Low Cap, #24-5pr, PE, O/A FoilBraid, PVC Jkt, CM, 100Ω
05-05-2023
9832.0601000 BELDEN-9832.0601000 Datasheet
158Kb / 2P
RS232/422 Low Cap, #24-5pr, PE, O/A FoilBraid, PVC Jkt, CM, 100Ω
05-05-2023
More results

Similar Description - 9832

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS307 ICST-ICS307 Datasheet
107Kb / 8P
Serially Programmable Clock Source
Revision 042501
ICS307-01 ICST-ICS307-01 Datasheet
200Kb / 9P
SERIALLY PROGRAMMABLE CLOCK SOURCE
Revision 121304
ICS307-03 ICST-ICS307-03 Datasheet
347Kb / 12P
SERIALLY PROGRAMMABLE CLOCK SOURCE
Revision 101705
logo
Extech Instruments Corp...
380820 EXTECH-380820 Datasheet
219Kb / 1P
Universal AC Power Source AC Power Analyzer
logo
Integrated Device Techn...
ICS307-03 IDT-ICS307-03 Datasheet
153Kb / 14P
SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
Good Will Instrument Co...
APS-7000 GWINSTEK-APS-7000 Datasheet
490Kb / 2P
500/1000 VA PROGRAMMABLE AC POWER SOURCE
APS-7000E GWINSTEK-APS-7000E Datasheet
104Kb / 2P
500/1000 VA AC POWER SOURCE
logo
B&K Precision Corporati...
9800 BK-9800 Datasheet
2Mb / 5P
Programmable AC Power Sources
9830B BK-9830B Datasheet
3Mb / 7P
Programmable AC Power Source
logo
Renesas Technology Corp
ICS307-02 RENESAS-ICS307-02 Datasheet
247Kb / 11P
SERIALLY PROGRAMMABLE CLOCK SOURCE
091511
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com