Electronic Components Datasheet Search
  English  ▼

X  

9182B Datasheet(PDF) 1 Page - B&K Precision Corporation

Part # 9182B
Description  Programmable Dual-Range DC Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

9182B Datasheet(HTML) 1 Page - B&K Precision Corporation

  9182B Datasheet HTML 1Page - B&K Precision Corporation 9182B Datasheet HTML 2Page - B&K Precision Corporation 9182B Datasheet HTML 3Page - B&K Precision Corporation 9182B Datasheet HTML 4Page - B&K Precision Corporation 9182B Datasheet HTML 5Page - B&K Precision Corporation 9182B Datasheet HTML 6Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Programmable Dual-Range DC Power Supplies
9170B & 9180B Series
Data sheet
www.bkprecision.com
The 9170B/9180B series programmable DC
power supplies offer industry leading
performance, designed to meet the most
demanding applications in R&D, design
verification, and production test. All nine models
deliver clean, stable and precise output power
due to their exceptionally low ripple and noise,
low temperature coefficient, excellent regulation,
and fast transient response time characteristics.
These power supplies are well suited for both
bench use and ATE applications. For bench use,
these power supplies offer an intuitive user
interface with a full numerical keypad for
convenient data entry. R&D and design engineers
will appreciate front panel output and remote
sense terminals (available on select models). Free
application software is provided for remote
control without the need for any computer
programming. USB and optional GPIB/LAN
interfaces combined with a fast transient response
and command processing time, make this series
ideal for ATE applications.
Additionally, this series offers unique features
not typically found in other power sources on
the market, such as versatile LED test modes,
modular interface card slots, automatic range
Technical data subject to change
© B&K Precision Corp. 201
8
Features & Benefits
I
Single and dual output models with up to
210W output power
I
Dual range output with automatic range
selection*
I
Programmable voltage and current slew rates
I
Front and rear panel output terminals for
convenient wiring
I
Rear panel remote sense terminal (additional
front panel remote sense terminal on select
single channel models*)
I
List mode for executing up to 10 stored test
sequences with a maximum of 150 steps in
total
I
Store and recall up to 10 power settings
I
SCPI compliant USB standard interface,
RS232, GPIB & LAN, RS485 optional
(Installation through modular interface slots)
I
Exceptionally fast command processing time,
less than 10 ms, greatly reduces overall test
time
I
Remote analog programming interface (option)
I
Unique LED test modes for minimizing inrush
current
I
Application software for remote control
I
Overvoltage (OVP) and overcurrent (OCP)
protection, including key-lock function
I
Convenient voltage and current calibration via
front panel
I
LabVIEWTM drivers available for download
Outstanding performance combined with unique features
* Except for high voltage models 9184B and 9185B.
Output Rating
No. of
Outputs
Model
0-10 V, 0-10 A / 0-20 V, 0-5 A
1
9171B
0-35 V, 0-3 A / 0-70 V, 0-1.5 A
1
9172B
0-10 V, 0-10 A / 0-20 V, 0-5 A
2
9173B
0-35 V, 0-3 A / 0-70 V, 0-1.5 A
2
9174B
0-18 V, 0-8 A / 0-36 V, 0-4 A
1
9181B
0-10 V, 0-20 A / 0-20 V, 0-10 A
1
9182B
0-35 V, 0-6 A / 0-70 V, 0-3 A
1
9183B
0-100 V, 0-2 A / 0-200 V, 0-1 A
1
9184B
0-400 V, 0-0.5 A / 0-600 V, 0-0.35 A
1
9185B
selection, and an optional 8-bit bidirectional
digital I/O interface.
To protect your DUT (device under test), the
9170B/9180B series provides safety options such
as OVP, OCP, and a key-lock feature to prevent
accidental change of parameters that might
damage your DUT. Built for reliability, the
supplies are also backed by a 3 year warranty.


Similar Part No. - 9182B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9182 ETC2-9182 Datasheet
103Kb / 3P
22 AWG stranded (19x34) tinned copper conductors, Datalene insulation
9182 ETC2-9182 Datasheet
2Mb / 6P
Single and dual output models with up to 210W output power
logo
B&K Precision Corporati...
9182 BK-9182 Datasheet
2Mb / 6P
Programmable Dual-Range DC Power Supplies
logo
Heyco.
9182 HEYCO-9182 Datasheet
105Kb / 1P
Countersunk Type H Rivets
logo
List of Unclassifed Man...
91820101000 ETC2-91820101000 Datasheet
103Kb / 3P
22 AWG stranded (19x34) tinned copper conductors, Datalene insulation
More results

Similar Description - 9182B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1737 ETC2-1737 Datasheet
222Kb / 3P
Dual Range DC Power Supplies
9170 ETC2-9170 Datasheet
286Kb / 6P
Programmable Dual-Range DC Power Supplies
logo
Keysight Technologies
E3646A KEYSIGHT-E3646A Datasheet
808Kb / 6P
Programmable DC Power Supplies
E36103A KEYSIGHT-E36103A Datasheet
2Mb / 8P
Programmable DC Power Supplies
logo
B&K Precision Corporati...
9115 BK-9115 Datasheet
742Kb / 5P
Multi-Range Programmable DC Power Supplies
1737 BK-1737 Datasheet
2Mb / 3P
Dual Range DC Power Supplies
9120A BK-9120A Datasheet
800Kb / 3P
Programmable DC Power Supplies
9170 BK-9170 Datasheet
2Mb / 6P
Programmable Dual-Range DC Power Supplies
9200 BK-9200 Datasheet
2Mb / 4P
Multi-Range Programmable DC Power Supplies
9200B BK-9200B Datasheet
1Mb / 6P
Multi-Range Programmable DC Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com