| Electronic Components Datasheet Search |
|
9182B Datasheet(PDF) 3 Page - B&K Precision Corporation |
|
|
|||||||||||||||||||||||||||||
9182B Datasheet(HTML) 3 Page - B&K Precision Corporation |
|
3 / 6 page ![]() www.bkprecision.com Programmable Dual-Range DC Power Supplies 9170B & 9180B series 3 External control and programming Versatile connectivity These power supplies offer SCPI IEEE488.2 compatible standard USB, optional GPIB and LAN interfaces, and an optional 8-bit digital I/O and analog control card to facilitate test system development and integration. Application software Create test sequences for execution in list mode via the GPIB or USB interface using the included PC software. I Create, save, and load program lists I View output characteristic curves and export data to a file I Pass/Fail test monitors maximum and minimum voltage and current values over a specified period of time Test sequence execution in list mode The list mode feature allows users to download a list of commands to the power supply’s internal memory and execute them. A total of 150 steps can be allocated to one of 10 internal memory locations. The test sequence can be programmed from the front panel, remotely through the included application software, or via the USB, GPIB, or LAN interfaces using SCPI commands. Each step’s voltage, current, and duration parameters can be set, with sequences configured for single or repeated execution. Telnet interface(2) Power supplies can be controlled with SCPI commands via a Telnet connection over the Ethernet interface. Any computer with a Telnet client can be used to control the power supply. Web server interface(2) The 9170B/9180B series power supplies with the GPIB/LAN interface installed provide a built-in Web server that allows users to configure, control, or monitor the basic settings of the power supply from a remote computer using a Java- enabled Web browser. Connect to the user-defined IP address to view the web control page. SCPI commands can also be sent through the Web server interface. Interface for controlling voltage, current, and output state Control settings page for configuration of protection and password settings for the system External analog programming interface(1) The power supplies’ output voltage and current can be controlled by either external analog voltage or resistance. Use a 0-5 V or 0-10 V external DC voltage source, or 0-5 k Ω variable resistor to control the output from zero to full scale. Multi-unit control(3) In multi-unit control mode, up to 31 units can be daisy chained via the RS485 interface for synchronization purposes and controlled from one master unit via the USB, GPIB, or LAN interface. (1) Requires card option DR1DIO or DR2DIO (2) Requires card option DRGL (3) Requires card option DRRS485 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |