Electronic Components Datasheet Search
  English  ▼

X  

MM3376AX Datasheet(PDF) 5 Page - Mitsumi Electronics, Corp.

Part # MM3376AX
Description  150mA CMOS Voltage Regulator IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3376AX Datasheet(HTML) 5 Page - Mitsumi Electronics, Corp.

  MM3376AX Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
150mA CMOS Voltage Regulator IC MM3376AX Series
Note5 : The item is not guaranteed in the model less than VOUT=1.4V .
Electrical Characteristics 2 (Except where noted otherwise VDD=VOUT(typ.)+1V, VCE=VDD, Ta=25°C)
Model No.
Item
Output voltage
Dropout voltage
VOUT (V)
Vio (V)
Measurement conditions
Min.
Typ.
Max.
Measurement conditions
Min.
Typ.
Max.
MM3376A08NRE
IOUT=1mA
0.770
0.8
0.830
(Note5)
MM3376A09NRE
0.870
0.9
0.930
MM3376A10NRE
0.970
1.0
1.030
MM3376A11NRE
1.070
1.1
1.130
MM3376A12NRE
1.170
1.2
1.230
MM3376A13NRE
1.270
1.3
1.330
MM3376A14NRE
1.370
1.4
1.430
MM3376A15NRE
1.470
1.5
1.530
IOUT=10mA
1.5V VOUT 1.9V
0.12
0.15
MM3376A16NRE
1.568
1.6
1.632
MM3376A17NRE
1.666
1.7
1.734
MM3376A18NRE
1.764
1.8
1.836
MM3376A19NRE
1.862
1.9
1.938
MM3376A20NRE
1.960
2.0
2.040
IOUT=10mA
2.0V VOUT 2.4V
VDD=VOUT-0.2V
0.08
0.12
MM3376A21NRE
2.058
2.1
2.142
MM3376A22NRE
2.156
2.2
2.244
MM3376A23NRE
2.254
2.3
2.346
MM3376A24NRE
2.352
2.4
2.448
MM3376A25NRE
2.450
2.5
2.550
IOUT=10mA
2.5V VOUT 2.9V
VDD=VOUT-0.2V
0.06
0.08
MM3376A26NRE
2.548
2.6
2.652
MM3376A27NRE
2.646
2.7
2.754
MM3376A28NRE
2.744
2.8
2.856
MM3376A29NRE
2.842
2.9
2.958
MM3376A30NRE
2.940
3.0
3.060
IOUT=10mA
3.0V VOUT 3.2V
VDD=VOUT-0.2V
0.05
0.07
MM3376A31NRE
3.038
3.1
3.162
MM3376A32NRE
3.136
3.2
3.264
MM3376A33NRE
3.234
3.3
3.366
IOUT=10mA
3.3V VOUT 5.0V
VDD=VOUT-0.2V
0.03
0.05
MM3376A34NRE
3.332
3.4
3.468
MM3376A35NRE
3.430
3.5
3.570
MM3376A36NRE
3.528
3.6
3.672
MM3376A37NRE
3.626
3.7
3.774
MM3376A38NRE
3.724
3.8
3.876
MM3376A39NRE
3.822
3.9
3.978
MM3376A40NRE
3.920
4.0
4.080
MM3376A41NRE
4.018
4.1
4.182
MM3376A42NRE
4.116
4.2
4.284
MM3376A43NRE
4.214
4.3
4.386
MM3376A44NRE
4.312
4.4
4.488
MM3376A45NRE
4.410
4.5
4.590
MM3376A46NRE
4.508
4.6
4.692
MM3376A47NRE
4.606
4.7
4.794
MM3376A48NRE
4.704
4.8
4.896
MM3376A49NRE
4.802
4.9
4.998
MM3376A50NRE
4.900
5.0
5.100



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com