Electronic Components Datasheet Search
  English  ▼

X  

MM3376AX Datasheet(PDF) 9 Page - Mitsumi Electronics, Corp.

Part # MM3376AX
Description  150mA CMOS Voltage Regulator IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3376AX Datasheet(HTML) 9 Page - Mitsumi Electronics, Corp.

Back Button MM3376AX Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 10Page - Mitsumi Electronics, Corp. MM3376AX Datasheet HTML 11Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
150mA CMOS Voltage Regulator IC MM3376AX Series
Characteristics (Vo=3.3V)
Input voltage - Output voltage
(Except where noted otherwise Ta=25°C, VDD=VOUT (typ.) +1V, VCE=VDD, Cin=0.1µF, Co=0.1µF)
Input current - Input voltage
Load regulation
Line regulation
Temperature - output voltage
45
6
12
3
0
0
1.5
1
0.5
3.5
2.5
2
3
RL=3.3k
RL=33
RL=22
Input voltage (V)
45
6
12
3
0
0
30
20
10
50
40
Input voltage (V)
RL=
150
200
50
100
0
0
60
−60
40
−40
20
−20
Output current (mA)
5
5.5
6
4
4.5
3.5
0
2
1
−2
−1
RL=3.3k
Input voltage (V)
75 100 125 150
−25
25
0
−50
50
3.3
3.5
3.4
3.1
3.2
RL=3.3k
Temperature(ºC)
−100
10
1000
100
0.1
1
0.01
−80
−40
−60
0
−20
RL=22
RL=3.3k
RL=110
Frequency (kHz)
Ripple rejection



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com