Electronic Components Datasheet Search
  English  ▼

X  

WSP6024 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP6024
Description  N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP6024 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP6024 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP6024 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP6024 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP6024 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP6024 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP6024 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP6024 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP6024 Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
60
V
VGS
Gate-Sou
rce Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
1
15
A
ID@TC=70℃
Continuous Drain Current, VGS @ 10V
1
9.6
A
IDM a
Pulsed Drain Current
2
43
A
EASb
Single Pulse Avalanche Energy
3
81
mJ
IASb
Avalanche Current
16
A
PD@TA=25℃
Total Power Dissipation
4
1.78
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJAc
Thermal Resistance Junction-ambient
1
---
72
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
1.2
℃
/W
BVDSS
RDSON
ID
60V
8mΩ
15A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC/VGA
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
SOP
-8 Pin Configuration
Product Summery
WSP6024
Page 1
www.winsok.tw
Dec.2014
The WSP6024 is the highest performance trench
N-ch MOSFETs with extreme high cell density ,
which provide excellent RDSON and gate
charge for most of the synchronous buck
converter applications .
The WSP6024meet the RoHS and Green
Product requirement , 100% EAS guaranteed
with full function reliability approved.
N-Channel MOSFET
Note a:Pulse width limited by max. junction temperature.
Note b:UIS tested and pulse width limited by maximum junction temperature 150oC (initial temperature Tj=25oC).
Note c:Surface Mounted on 1in2 pad area.


Similar Part No. - WSP6024

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSP6020 WIINSOK-WSP6020 Datasheet
817Kb / 6P
N-Channel MOSFET
More results

Similar Description - WSP6024

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com