Electronic Components Datasheet Search
  English  ▼

X  

WSP6956 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP6956
Description  Dual N-Ch MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP6956 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP6956 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP6956 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP6956 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP6956 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP6956 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP6956 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP6956 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BVDSS
RDSON
ID
60V
15mΩ
10A
General Description
Features
Applications
SOP
-8 Pin Configuration
Product Summery
WSP6956
Page 1
www.winsok.tw
Dec.2014
The WSP6956 is the highest
performance trench Dual N-ch MOSFET
with extreme high cell density , which
provide excellent RDSON and gate
charge for most of the synchronous buck
converter applications .
Dual N-Ch MOSFET
·
SMPS Synchronous Rectification.
·
DC-DCConversion.
·
Load Switch.
·
Reliable and Rugged
·
Lead Free andGreen DevicesAvailable
(RoHS Compliant)
Absolute Maximum Ratings (T A = 25°C Unless Otherwise Noted)
Symbol
Parameter
Rating
Unit
Common Ratings
V
D SS
Drain-Source Voltage
60
V
V
GSS
Gate-Source Voltage
±20
TJ
Maximum Junction Temperature
150
°C
T
STG
Storage Temperature Range
-55 to 150
IS
Diode Continuous Forward Current
TA=25°C
5
A
ID
Continuous Drain Current
TA=25°C
10
TA=70°C
8
Pulsed Drain Current
TA=25°C
38
PD
Maximum Power Dissipation
TA=25°C
3.5
W
TA=70°C
2.2
R
c
JA
Thermal Resistance-Junction to Ambient
t
10s
35
°C/W
Steady State
70
Avalanche Current, Single pulse
L=0.1mH
27
A
Avalanche Energy, Single pulse
L=0.1mH
36
mJ
Note a:Pulse width limited by max. junction temperature.
Note b:UIS tested and pulse width limited by maximum junction temperature 150
oC (initial temperature Tj=25oC).
Note c:Surface Mounted on 1in
2 pad area.
IDM
a
IAS
b
EAS
b


Similar Part No. - WSP6956

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSP6946 WIINSOK-WSP6946 Datasheet
1Mb / 5P
Dual N-Ch MOSFET
More results

Similar Description - WSP6956

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSD2054DN22 WIINSOK-WSD2054DN22 Datasheet
620Kb / 5P
Dual N-Ch MOSFET
WSD2068 WIINSOK-WSD2068 Datasheet
890Kb / 6P
Dual N-Ch MOSFET
WSD2098 WIINSOK-WSD2098 Datasheet
874Kb / 7P
Dual N-Ch MOSFET
WSD3020DN WIINSOK-WSD3020DN Datasheet
1Mb / 5P
Dual N-Ch MOSFET
WSD4066DN WIINSOK-WSD4066DN Datasheet
1Mb / 7P
Dual N-Ch MOSFET
WSD6056DN56 WIINSOK-WSD6056DN56 Datasheet
586Kb / 5P
Dual N-Ch MOSFET
WSF4022 WIINSOK-WSF4022 Datasheet
749Kb / 8P
Dual N-Ch MOSFET
WSP6946 WIINSOK-WSP6946 Datasheet
1Mb / 5P
Dual N-Ch MOSFET
WST3392 WIINSOK-WST3392 Datasheet
705Kb / 5P
Dual N-Ch MOSFET
WST8205A WIINSOK-WST8205A Datasheet
1Mb / 5P
Dual N-Ch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com