Electronic Components Datasheet Search
  English  ▼

X  

WSP6956 Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP6956
Description  Dual N-Ch MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP6956 Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP6956 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP6956 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP6956 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP6956 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP6956 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP6956 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP6956 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2
www.winsok.tw
Dec.2014
WSP6956
Dual N-Ch MOSFET
Note d:Pulse test ; pulse width£300ms, duty cycle£2%.
Note e:Guaranteed by design, not subject to production testing.
Electrical Characteristics (T = 25C unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Static Characteristics
BV
DSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=250A
0
60
6
-
V
I
DSS
Zero Gate Voltage Drain Current
VDS=48V, VGS=0V
--
-
1
A
TJ=85°C
-
--
30
V
GS( th)
Gate Threshold Voltage
VDS=VGS, IDS=250A
1.5
1
1
2.5
V
I
GSS
Gate Leakage Current
VGS=±20V, VDS=0V
--
-
±100
nA
RDS(ON)
d
Drain-Source On-state Resistance
VGS=10V, IDS=10A
--
15
20
VGS=4.5V, IDS=9A
--
18
24
Diode Characteristics
VSD
d
Diode Forward Voltage
ISD=10A, VGS=0V
-
0.8
1.3
V
trr
Reverse Recovery Time
ISD=10A, dlSD/dt=100A/s
21
--
-
ns
Q
rr
Reverse Recovery Charge
22
--
-
nC
Dynamic Characteristics
e
RG
Gate Resistance
VGS=0V,VDS=0V,f=1MHz
--
2.5
-
C
iss
Input Capacitance
VGS=0V,
VDS=30V,
Frequency=1.0MHz
--
1370 1780
pF
C
oss
Output Capacitance
-
135
-
C
rss
Reverse Transfer Capacitance
60
--
-
t
d(ON)
Turn-on Delay Time
--
14
26
ns
tr
Turn-on Rise Time
-
8
15
t
d(OFF)
Turn-off Delay Time
38
--
69
tf
Turn-off Fall Time
-
12
22
Gate Charge Characteristics
e
Qg
Total Gate Charge
VDS=30V, VGS=4.5V,
IDS=10A
-
12
-
nC
Qg
Total Gate Charge
VDS=30V, VGS=10V,
IDS=10A
--
26
37
Qgs
Gate-Source Charge
--
5
-
-
5
-
Qgd
Gate-Drain Charge
A
mW
W
VDD=30V, RL=30W,
IDS=1A, VGEN=10V,
RG=6W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com