Electronic Components Datasheet Search
  English  ▼

X  

WST2078 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST2078
Description  N&P-Ch MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST2078 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST2078 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2078 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2078 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2078 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2078 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2078 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2078 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2078 Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Symbol
Parameter
Rating
Units
N-Channel P-Channel
VDS
Drain-Source Voltage
20
-20
V
VGS
Gate-Sou
rce Voltage
±
12
±
12
V
ID@Tc=25℃
Continuous Drain Current, VGS @ 4.5V
1
5.6
-
4.5
A
ID@Tc=70℃
Continuous Drain Current, VGS @ 4.5V
1
4
-2.
6
A
IDM
Pulsed Drain Current
2
20
-
13
A
PD@TA=25℃
Total Power Dissipation
3
1.4
1.
4
W
TSTG
Storage Temperature Range
-55 to 150
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-ambient
1
---
1
25
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
70
℃
/W
BVDSS
RDSON
ID
20V
30mΩ
5.6A
-20V
65mΩ
-
4.5A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent Cdv/dt effect decline
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous s
Small power switching for MB/NB/UMPC/VGA
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
SOT-23-6L Pin Configuration
Product Summery
The WST2078 is the highest performance trench
N-ch and P-ch MOSFETs with extreme high cell
density , which provide excellent RDSON and gate
charge for most of the small power switching and
load switch applications.
The WST2078 meet the RoHS and Green Product
requirement with full function reliability approved.
WST2078
N&P-Ch MOSFET
Page 1
www.winsok.tw
Dec.2014


Similar Part No. - WST2078

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
WST2078 VBSEMI-WST2078 Datasheet
604Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
More results

Similar Description - WST2078

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUF622EF AUK-SUF622EF Datasheet
397Kb / 5P
N-Ch/P-Ch Enhancement-Mode MOSFET
logo
KEC(Korea Electronics)
KMA7D0NP30Q KEC-KMA7D0NP30Q Datasheet
92Kb / 8P
N and P-CH Trench MOSFET
KMB6D0NP40QA KEC-KMB6D0NP40QA Datasheet
867Kb / 8P
N and P-Ch Trench MOSFET
KMB7D0NP30QA KEC-KMB7D0NP30QA_11 Datasheet
1Mb / 9P
N and P-Ch Trench MOSFET
KML0D6NP20EA KEC-KML0D6NP20EA Datasheet
64Kb / 6P
N and P-Ch Trench MOSFET
KMB7D0NP30QA KEC-KMB7D0NP30QA_15 Datasheet
400Kb / 9P
N and P-Ch Trench MOSFET
logo
Shenzhen Guan Hua Wei Y...
WSD3045DN WIINSOK-WSD3045DN Datasheet
839Kb / 11P
N-Ch and P-Channel MOSFET
WSF3012 WIINSOK-WSF3012 Datasheet
2Mb / 6P
N-Ch and P-Channel MOSFET
WSP4608 WIINSOK-WSP4608 Datasheet
697Kb / 6P
N-Ch and P-Channel MOSFET
WST3078 WIINSOK-WST3078 Datasheet
1Mb / 11P
N&P-Ch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com