Electronic Components Datasheet Search
  English  ▼

X  

ASPM34 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ASPM34
Description  Automotive 3-Phase 1200 V 50 A IGBT Intelligent Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASPM34 Datasheet(HTML) 1 Page - ON Semiconductor

  ASPM34 Datasheet HTML 1Page - ON Semiconductor ASPM34 Datasheet HTML 2Page - ON Semiconductor ASPM34 Datasheet HTML 3Page - ON Semiconductor ASPM34 Datasheet HTML 4Page - ON Semiconductor ASPM34 Datasheet HTML 5Page - ON Semiconductor ASPM34 Datasheet HTML 6Page - ON Semiconductor ASPM34 Datasheet HTML 7Page - ON Semiconductor ASPM34 Datasheet HTML 8Page - ON Semiconductor ASPM34 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2019
May, 2020 − Rev. 0
1
Publication Order Number:
NFVA25012NP2T/D
ASPM34 Series
Automotive 3-Phase 1200 V
50 A IGBT Intelligent Power
Module
NFVA25012NP2T
General Description
NFVA25012NP2T is an advanced Auto IPM module providing a
fully−featured, high−performance inverter output stage for hybrid and
electric vehicles. These modules integrate optimized gate drive of the
built−in IGBTs to minimize EMI and losses, while also providing
multiple on−module protection features including under−voltage
lockouts, over−current shutdown, thermal monitoring of drive IC, and
fault reporting. The built−in, high−speed HVIC requires only a single
supply voltage and translates the incoming logic−level gate inputs to
the high−voltage, high−current drive signals required to properly drive
the module’s internal IGBTs. Separate negative IGBT terminals are
available for each phase to support the widest variety of control
algorithms.
Features
• Automotive SPM®in 34 Pin DIP Package
• AEC & AQG324 Qualified and PPAP Capable
• 1200 V − 50 A 3−Phase IGBT Inverter with Integral Gate Drivers
and Protection
• Low−Loss, Short−Circuit Rated IGBTs
• Very Low Thermal Resistance Using AlN DBC Substrate
• Built−In Bootstrap Diodes and Dedicated Vs Pins Simplify PCB
Layout
• Separate Open−Emitter Pins from Low−Side IGBTs for Three−Phase
Current Sensing
• Single−Grounded Power Supply Supported
• Built−In NTC Thermistor for Temperature Monitoring and
Management
• Adjustable Over−Current Protection via Integrated Sense−IGBTs
• Isolation Rating of 2500 Vrms / 1 min
• This is a Pb−Free Device
Applications
• Automotive High Voltage Auxiliary Motors
♦ Climate E−Compressors
♦ Oil / Water Pumps
♦ Super / Turbo Chargers
♦ Variety Fans
• Motion Control
♦ Industrial Motor
www.onsemi.com
See detailed ordering and shipping information on page 14 of
this data sheet.
ORDERING INFORMATION
MARKING DIAGRAM
3D Package Drawing
(Click to Activate 3D Content)
DIP34 80x33, AUTOMOTIVE MODULE
CASE MODGL
XXXXXXXXXXXX
= Specific Device Code
ZZZ
= Lot ID
AT
= Assembly & Test Location
Y
= Year
W
= Work Week
NNN
= Serial Number


Similar Part No. - ASPM34

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASPM34 ONSEMI-ASPM34 Datasheet
754Kb / 15P
Automotive 3?뭁hase 1200 V, 35 A IGBT Intelligent Power Module
December, 2019 ??Rev. 4
More results

Similar Description - ASPM34

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFAM2012L5BT ONSEMI-NFAM2012L5BT Datasheet
390Kb / 10P
Intelligent Power Module (IPM) 1200 V, 20 A
October, 2019 ??Rev. P0
NFVA22512NP2T ONSEMI-NFVA22512NP2T Datasheet
896Kb / 16P
ASPM34 Series Automotive 3-Phase 1200 V 25 A IGBT Intelligent Power Module
May, 2020 ??Rev. 0
NFVA23512NP2T ONSEMI-NFVA23512NP2T Datasheet
754Kb / 15P
Automotive 3?뭁hase 1200 V, 35 A IGBT Intelligent Power Module
December, 2019 ??Rev. 4
NFAM1012L5B ONSEMI-NFAM1012L5B Datasheet
395Kb / 9P
Intelligent Power Module (IPM) 1200 V, 10 A
December, 2019 ??Rev. P0
NFAM1012L5BT ONSEMI-NFAM1012L5BT Datasheet
346Kb / 9P
Intelligent Power Module (IPM) 1200 V, 10 A
December, 2019 ??Rev. P0
NFAM2012L5B ONSEMI-NFAM2012L5B Datasheet
487Kb / 9P
Intelligent Power Module (IPM) 1200 V, 20 A
October, 2019 ??Rev. P0
NFAM0512L5BT ONSEMI-NFAM0512L5BT Datasheet
218Kb / 9P
Intelligent Power Module (IPM) 1200 V, 5 A
March, 2020 ??Rev. P0
NFAM0512L5B ONSEMI-NFAM0512L5B Datasheet
317Kb / 10P
Intelligent Power Module (IPM) 1200 V, 5 A
March, 2020 ??Rev. P0
NFAM1512L7B ONSEMI-NFAM1512L7B Datasheet
650Kb / 16P
Intelligent Power Module (IPM) Inverter, 1200 V, 15 A
September, 2023 - Rev. 0
NFAM2512L7B ONSEMI-NFAM2512L7B Datasheet
470Kb / 16P
Intelligent Power Module (IPM) Inverter, 1200 V, 25 A
September, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com