Electronic Components Datasheet Search
  English  ▼

X  

ASPM34 Datasheet(PDF) 11 Page - ON Semiconductor

Part # ASPM34
Description  Automotive 3-Phase 1200 V 50 A IGBT Intelligent Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASPM34 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button ASPM34 Datasheet HTML 7Page - ON Semiconductor ASPM34 Datasheet HTML 8Page - ON Semiconductor ASPM34 Datasheet HTML 9Page - ON Semiconductor ASPM34 Datasheet HTML 10Page - ON Semiconductor ASPM34 Datasheet HTML 11Page - ON Semiconductor ASPM34 Datasheet HTML 12Page - ON Semiconductor ASPM34 Datasheet HTML 13Page - ON Semiconductor ASPM34 Datasheet HTML 14Page - ON Semiconductor ASPM34 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NFVA25012NP2T
www.onsemi.com
11
Figure 10. Under-Voltage Protection (High-Side)
b1: Control supply voltage rises: after the voltage reaches UVBSR, the circuits start to operate when the next input is applied.
b2: Normal operation: IGBT ON and carrying current.
b3: Under-voltage detection (UVBSD).
b4: IGBT OFF in spite of control input condition, but there is no fault output signal.
b5: Under-voltage reset (UVBSR).
b6: Normal operation: IGBT ON and carrying current by triggering next signal from LOW to HIGH.
Input Signal
Output Current
Fault Output Signal
Control
Supply Voltage
RESET
UV
Protection
Circuit State
SET
RESET
UV
b1
b3
b2
b4
b6
b5
High−level (no fault output)
BSD
BSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com