Electronic Components Datasheet Search
  English  ▼

X  

ASM5I9352 Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASM5I9352
Description  2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9352 Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASM5I9352 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
July 2005
ASM5I9352
rev 0.2
2.5V or 3.3V, 200 MHz, 11-Output Zero Delay Buffer
4 of 12
Notice: The information in this document is subject to change without notice.
Table 1: Frequency Table
VCO_SEL
Feedback
Output Divider
VCO
Input Frequency Range
(AVDD = 3.3V)
Input Frequency
Range (AVDD = 2.5V)
0
÷2
Input Clock * 2
100 MHz to 200 MHz
100 MHz to 200 MHz
0
÷4
Input Clock * 4
50 MHz to 125 MHz
50 MHz to 100 MHz
0
÷6
Input Clock * 6
33.33 MHz to 83.33 MHz
33.33 MHz to 66.67 MHz
1
÷2
Input Clock * 4
50 MHz to 125 MHz
50 MHz to 100 MHz
1
÷4
Input Clock * 8
25 MHz to 62.5 MHz
25 MHz to 50 MHz
1
÷6
Input Clock * 12
16.67 MHz to 41.67 MHz
16.67 MHz to 33.33 MHz
Table 2: Function Table
Control
Default
0
1
VCO_SEL
0
VCO
VCO ÷ 2
PLL_EN#
0
PLL enabled. The VCO output
connects to the output dividers
Bypass mode, PLL disabled. The input clock
connects to the output dividers
MR/OE#
0
Outputs enabled
Outputs disabled (three-state), VCO running
at its minimum frequency
SELA
0
QA = VCO÷4
QA = VCO÷6
SELB
0
QB = VCO ÷4
QB = VCO÷2
SELC
0
QC = VCO÷2
QC = VCO÷4
Absolute Maximum Ratings
Parameter
Description
Condition
Min
Max
Unit
VDD
DC Supply Voltage
–0.3
5.5
V
VDD
DC Operating Voltage
Functional
2.375
3.465
V
VIN
DC Input Voltage
Relative to VSS
–0.3
VDD+ 0.3
V
VOUT
DC Output Voltage
Relative to VSS
–0.3
VDD+ 0.3
V
VTT
Output termination Voltage
VDD ÷2
V
LU
Latch Up Immunity
Functional
200
mA
RPS
Power Supply Ripple
Ripple Frequency < 100 kHz
150
mVp-p
TS
Temperature, Storage
Non Functional
–65
+150
°C
TA
Temperature, Operating Ambient
Functional
–40
+85
°C
TJ
Temperature, Junction
Functional
155
°C
ØJC
Dissipation, Junction to Case
Functional
42
°C/W
ØJA
Dissipation, Junction to Ambient
Functional
105
°C/W
ESDH
ESD Protection (Human Body Model)
2000
Volts
FIT
Failure in Time
Manufacturing test
10
ppm
Note: These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for extended periods may affect device
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com