Electronic Components Datasheet Search
  English  ▼

X  

ASM5I9352 Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # ASM5I9352
Description  2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9352 Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button ASM5I9352 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM5I9352 Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
July 2005
ASM5I9352
rev 0.2
2.5V or 3.3V, 200 MHz, 11-Output Zero Delay Buffer
6 of 12
Notice: The information in this document is subject to change without notice.
AC Electrical Specifications (VDD = 2.5V ± 5%, TA = -40°C to +85°C) 1
Parameter
Description
Condition
Min
Typ
Max
Unit
fVCO
VCO Frequency
200
400
MHz
÷2 Feedback
100
200
÷4 Feedback
50
100
÷6 Feedback
33.33
66.67
÷8 Feedback
25
50
÷12 Feedback
16.67
33.33
fin
Input Frequency
Bypass mode
(PLL_EN# = 1)
0
200
MHz
frefDC
Input Duty Cycle
25
75
%
tr, tf
TCLK Input Rise/FallTime
0.7V to 1.7V
1.0
nS
÷2 Output
100
200
÷4 Output
50
100
÷6 Output
33.33
66.67
÷8 Output
25
50
fMAX
Maximum Output Frequency
÷12 Output
16.67
33.33
MHz
fMAX< 100 MHz
47
53
DC
Output Duty Cycle
fMAX > 100 MHz
44
56
%
tr, tf
Output Rise/Fall times
0.6V to 1.8V
0.1
1.0
nS
t(φ)
Propagation Delay (static phase
offset)
TCLK to FB_IN, same VDD,
does not include jitter
-100
100
pS
tsk(O)
Output-to-Output Skew
Skew within Bank
125
pS
Banks at same voltage,
same frequency
175
tsk(B)
Bank-to-Bank Skew
Banks at same voltage,
different frequency
225
pS
tPLZ, HZ
Output Disable Time
8
nS
tPZL, ZH
Output Enable Time
10
nS
÷2 Feedback
2
÷4 Feedback
1 - 1.5
÷6 Feedback
0.6
÷8 Feedback
0.75
BW
PLL Closed Loop Bandwidth (-
3dB)
÷12 Feedback
0.5
MHz
Same frequency
100
tJIT(CC)
Cycle-to-Cycle Jitter
Multiple frequencies
300
pS
Same frequency
100
tJIT(PER)
Period Jitter
Multiple frequencies
150
pS
VCO < 300 MHz
150
tJIT(φ)
I/O Phase Jitter
VCO > 300 MHz
100
pS
tLOCK
Maximum PLL Lock Time
1
mS
Note:1
.AC characteristics apply for parallel output termination of 50Ω to VTT. Parameters are guaranteed by characterization and are not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com