Electronic Components Datasheet Search
  English  ▼

X  

COM-4H Datasheet(PDF) 2 Page - Contec Co., Ltd

Part # COM-4H
Description  RS-232C 4ch Serial I/O Board for Low Profile PCI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

COM-4H Datasheet(HTML) 2 Page - Contec Co., Ltd

  COM-4H Datasheet HTML 1Page - Contec Co., Ltd COM-4H Datasheet HTML 2Page - Contec Co., Ltd COM-4H Datasheet HTML 3Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ver.1.22
COM-4(LPCI)H
2
Item
Specification
Number of channels
4ch
Interface type
RS-232C
Transfer method
Asynchronous serial transfer
Baud rate
2 - 921,600bps *1 *2
Data length
5, 6, 7, 8 bits
1, 1.5, 2 stop bits *1
Parity check
Even, Odd, Non-parity *1
Controller chip
162850 or equivalent
(Each channel has 128-byte receive and 128-byte transmit FIFO
buffers.)
Connecting distance
15m(Typ.)
Interrupt requests
1 level use *3
I/O address
Any 32-byte boundary
3.3VDC 150mA (Max.) (JP1 pins 1 and 2 connected) *4
Power consumption
5VDC
150mA (Max.) (JP1 pins 2 and 3 connected) *4
Operating temperature 0 - 50°C, 10 - 90%RH(No condensation)
Bus specification
PCI (32bit, 33MHz, Universal key shapes supported *4)
Dimension (mm)
121.69(L) x 63.41(H)
Connector used
44-pin D-SUB, female connector
103A-44FGTBBB3 (mfd. by COXOC)equivalent
Weight
60g
*1
These items can be set by software.
For the "Driver Library API-PAC(W32)" and the "Standard COM Driver Software COM
Setup Disk" on the supplied CD-ROM, the range is 15 - 921,600 bps.
*2
Data transmission at high speed may not be performed normally depending on the
environment including the type of status of connected material of cable and
environment.
*3
The interrupt signals from all channels are connected as a single interrupt signal on the
PCI bus.
*4
Boards with different board numbers are different in these specifications. See Table
6.4 "Different in the specification" at the end of this document.
Board Dimensions
The standard outside dimension (L) is
the distance from the end of the board
to the outer surface of the slot cover.
[mm]
121.69(L)
Cable (Option)
Connection Conversion Cable for Serial I/O (44M9M x 4, 250mm)
: PCE44/9P4S
Connector (Option)
D-SUB44P Male Connector Set (5 Pieces)
: CN5-D44M
*
Check the CONTEC’s Web site for more information on these options.
The COM-4(LPCI)H is different in specifications, depending on
the board number as listed below.
Board No.
No.7210A
No.7210B
PCI bus specification
32bit, 33MHz,
Universal key shapes supported
(5 V is supplied to the 5V pin.)
32bit, 33MHz,
Universal key shapes supported
(Power voltage is set by jumper.)
Power voltage setting
jumper (JP1)
Absent
Present
Power consumption
5VDC 150mA(Max.)
5
VDC
150mA(Max.)
3.3VDC
150mA(Max.)
Standard COM Driver Software COM Setup Disk (Bundled)
The purpose of this software is to allow the CONTEC serial
communication boards to be used under Windows or Linux in
the same way as the standard COM ports on the PC. By
installing additional boards, you can use COM ports in the
range COM1 - COM256.
The boards can be used for all types of serial communications
such as for remote access service (RAS) and uninterruptible
power supply (UPS) applications.
Under Windows, the serial ports can be accessed using the
standard Win32 API communication routines (CreateFile( ),
WriteFile( ), ReadFile( ), and SetCommState( ), etc.) The
serial ports are also compatible with the Visual Basic
communication control (MSComm). Supports the
communication class of .NET Framework 2.0 (SerialPort class).
Under Linux, the serial ports are compatible with the operating
system's standard tty driver. The standard routines including
open( ), close( ), read( ), write( ) are supported.
< Operating environment >
OS
Windows 7, Vista, XP, NT, Me, 98, Linux etc.
You can download the updated version from the CONTEC's
Web site (http://www.contec.com/comdrv/). For more details on
the supported OS, applicable language and new information,
please visit the CONTEC's Web site.
CAUTION
The maximum number of COM ports able to be used
depends on the configuration of your OS.
Driver library API-PAC(W32) (Available for downloading
(free of charge) from the CONTEC web site.)
API-PAC(W32) is the library software that provides the
commands for CONTEC hardware products in the form of
Windows standard Win32 API functions (DLL). It makes it
easy to create high-speed application software taking
advantage of the CONTEC hardware using various
programming languages that support Win32 API functions,
such as Visual Basic and Visual C/C++.
It can also be used by the installed diagnosis program to check
hardware operations.
CONTEC provides download services (at
http://www.contec.com/apipac/) to supply the updated drivers
and differential files.
For details, visit the CONTEC’s Web site.
< Operating environment >
OS
Windows Vista, XP, Server 2003 etc.
Adaptation language Visual C/C++, Visual Basic, Delphi,
Builder, etc.
Others
Each piece of library software requires
50 megabytes of free hard disk space.
CAUTION
This library provides local routines that are specific to
CONTEC (SioOpen( ), SioWrite( ), SioRead( ), SioStatus( ),
etc.). These are not compatible with the standard Win32 API
communication routines (CreateFile( ) and WriteFile( ), etc.).
]
- Board [COM-4(LPCI)H]
- First step guide … 1
- COM Setup Disk *1 (CD-ROM) …1
- Bracket for PCI …1
*1 The CD-ROM contains the driver software and User’s Guide (this guide)
Support Software
Cable & Connector
Packing List
Specification
Differences in specifications on the board number



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com