Electronic Components Datasheet Search
  English  ▼

X  

COM-4H Datasheet(PDF) 3 Page - Contec Co., Ltd

Part # COM-4H
Description  RS-232C 4ch Serial I/O Board for Low Profile PCI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

COM-4H Datasheet(HTML) 3 Page - Contec Co., Ltd

  COM-4H Datasheet HTML 1Page - Contec Co., Ltd COM-4H Datasheet HTML 2Page - Contec Co., Ltd COM-4H Datasheet HTML 3Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ver.1.22
COM-4(LPCI)H
3
This chapter describes the interface connectors on the board.
Check the information available here when connecting an
external device.
In addition to connecting directly to the connector on the board,
you can also connect external devices via a distribution cable
or distribution unit.
- Connecting directly to the port connector.
- Using a distribution cable
Using the 9-pin D-SUB Connector Conversion Cables
Use a PCE44/9P4S connection conversion cable (purchased
separately) to connect to external devices after dividing into
four 9-pin D-SUB male connector channels.
Use cable suitable for use with 9-pin D-SUB connectors
(purchase separately) with the four divided connectors.
Specification of “PCE44/9P2S”
- Connector used
44-pin D-SUB, male connector
Thumb screw :
UNC #4-40 (inch screw)
- Cable
9-conductor shielded cable
Cable length : 250mm
Conductor size : AWG#28
- Connector used
9-pin D-SUB, male connector
Thumb screw : UNC#4-40(inch screw)
- Applicable connectors
17JE-13090-02(D8C) (mfd. by DDK, Female)
SG 1
DTR 1
TxD 1
RxD 1
DCD 1
9
8
7
6
RI 1
CTS 1
RTS 1
DSR 1
5
4
3
2
1
CH1
SG 4
DTR 4
TxD 4
RxD 4
DCD 4
9
8
7
6
RI 4
CTS 4
RTS 4
DSR 4
5
4
3
2
1
CH4
CH1
CH2
CH3
CH4
Connection conversion (Option)
Connection Conversion Cable (44M 9M x 4, 250mm)
PCE44/9P4S
Cable (Option)
RS-232C Straight Cable with D-SUB9P (1.8m) RSS-9M/F
RS-232C Cross Cable with D-SUB9P (1.8m)
RSC-9F
RS-232C Connection Conversion Straight Cable (25M 9F, 1.8m)
RS-232C
RS-232C Connection Conversion Cross Cable (25F 9F, 1.8m)
RSC-25F/9F
Connecting it directly from the on-board connector
If connecting an external device directly from the connector on
the board, use an optional connector CN5-D44M for creating
your own cables.
Pin Assignment
44
31
15
1
- Connector used
44-pin D-SUB, female connector
103A-44FGTBBB3 (mfd. by COXOC)equivalent
- Applicable connector
101A-44MGTAAA3 (mfd. by COXOC, Male)
CN5-D44M (mfd. by CONTEC, Male) (Five connector set)
Screw nut: UNC#4-40(inch screw)
30
16
Pin No. Signal name Pin No. Signal name Pin No.
Signal
name
44
DCD1
30
DSR1
15
CTS1
43
TxDC1
29
RxD1
14
RI1
42
SG1
28
RTS1
13
DTR1
41
N.C.
27
N.C.
12
N.C.
40
DCD2
26
DSR2
11
CTS2
39
TxD2
25
RxD2
10
RI2
38
SG2
24
RTS2
9
DTR2
37
N.C.
23
N.C.
8
N.C.
36
N.C.
22
N.C.
7
N.C.
35
N.C.
21
N.C.
6
N.C.
34
N.C.
20
N.C.
5
N.C.
33
N.C.
19
N.C.
4
N.C.
32
N.C.
18
N.C.
3
N.C.
31
N.C.
17
N.C.
2
N.C.
CN1
15
30
44
31 16 1
---------
16
N.C.
1
N.C.
When using an RS-232C interface, different cables are
required depending on the type of device to which you are
connecting (computer or modem, etc.). Check the
requirements of the external device and select either a
straight-through or crossed (null modem) cable as appropriate.
If special treatment of the signal lines in the connector is
required, ensure that this is done in accordance with the
specifications.
Example Connection to a Modem (Straight cable)
TxD
RxD
RTS
CTS
DTR
DSR
SG
TxD
RxD
RTS
CTS
DTR
DSR
SG
(Transmit Data)
(Receive Data)
(Request to Send)
(Clear to Send)
(Data Terminal Ready)
(Data Set Ready)
(Signal Ground)
External device
Example Connection to a PC (Cross cable)
TxD
RxD
RTS
CTS
DTR
DSR
SG
TxD
RxD
RTS
CTS
DTR
DSR
SG
External device
Example Connection to a Device
TxD
RxD
RTS
CTS
DTR
DSR
SG
TxD
RxD
RTS
CTS
DTR
DSR
SG
External device
External Connection
Types of Cable and Example Connections



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com