Electronic Components Datasheet Search
  English  ▼

X  

COM-4PD-PE Datasheet(PDF) 2 Page - Contec Co., Ltd

Part # COM-4PD-PE
Description  RS 422A/485 Isolated Serial I/O Board for PCI Express 4ch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

COM-4PD-PE Datasheet(HTML) 2 Page - Contec Co., Ltd

  COM-4PD-PE Datasheet HTML 1Page - Contec Co., Ltd COM-4PD-PE Datasheet HTML 2Page - Contec Co., Ltd COM-4PD-PE Datasheet HTML 3Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ver.1.01
COM-4PD-PE
2
Item
Specification
Number of channels
4ch
Interface type
RS-422A/RS-485
Isolation specification
Isolation between channel, Bus isolation
Isolation
pressure proof
Between channel : 500VDC, Between bus : 1000VDC
Transfer method
Asynchronous serial transfer (Full-duplex / half-duplex)
Baud rate
2 - 921,600bps
*1 *2
Data length
5, 6, 7, 8 bits
1, 1.5, 2 stop bits *1
Parity check
Even, Odd, Non-parity *1
Controller chip
162850 or equivalent
(Each channel has 128-byte receive and 128-byte transmit FIFO
buffers.)
Connecting distance
Within 1200m *3
Interrupt requests
1 level use *4
I/O address
Any 32-byte boundary
Power consumption
3.3VDC
1600mA (Max.)
Operating
temperature
0 - 50°C, 10 - 90%RH(No condensation)
Bus specification
PCI Express Base Specification Rev. 1.0a
x1
Dimension (mm)
121.69(L) x 110.18 (H) *5
Interface connector
37-pin D-SUB connector,
DCLC-J37SAF-20L9E (mfd. by JAE, female) equivalent
Weight
120g
Certification
RoHS,VCCI
*1 These items can be set by software.
For the "Driver Library API-PAC(W 32)" and the
"Standard COM Driver Software
COM Setup Disk" on the supplied CD-ROM, the range is
15 - 921,600 bps.
*2 Data transmission at high speed may not be performed normally depending on the
environment including the type of status of connected material of cable and environment.
*3 The table below lists an example of the relationship between baud rate and communication
distance.
Communication
distance
Baud rate
300m
115,200bps
600m
57,600bps
900m
19,200bps
1200m
9,600bps
Communication cable:
28AW G, double shielded cable, twisted pairs used for each +/-
signal line.
*4 A single interrupt signal "INTA" is output as a collection of interrupt input signals from two
channels.
*5 Boards with different board numbers are different in these specifications. See Table 6.3 "Different
in the specification" at the end of this document.
Board Dimensions
Standard COM Driver Software COM Setup Disk
(Bundled)
The purpose of this software is to allow the CONTEC serial
communication boards to be used under Windows or Linux in the
same way as the standard COM ports on the PC.
By installing
additional boards, you can use COM ports in the range COM1 -
COM256.
The boards can be used for all types of serial
communications such as for remote access service (RAS) and
uninterruptible power supply (UPS) applications.
Under Windows, the serial ports can be accessed using the
standard Win32 API communication routines (CreateFile( ),
WriteFile( ), ReadFile( ), and SetCommState( ), etc.)
The serial
ports are also
compatible with the Visual Basic communication control
(MSComm).
Under Linux, the serial ports are compatible with the operating
system's standard tty driver.
The standard routines including
open( ), close( ), read( ), write( ) are supported.
< Operating environment >
OS
Windows 8.1,8,7,Vista etc..
The maximum number of COM ports able to be used depends
on the configuration of your OS.
This product is not supported Windows Me, 98, 95, NT.
Driver library API-PAC(W32) (Available for downloading
(free of charge) from the CONTEC web site.)
API-PAC(W32) is the library software that provides the
commands for CONTEC hardware products in the form of
Windows standard Win32 API functions (DLL).
It makes it easy
to create high-speed application software taking advantage of
the CONTEC hardware using various programming languages
that support Win32 API functions, such as Visual Basic and
Visual C/C++.
It can also be used by the installed diagnosis program to check
hardware operations.
CONTEC provides download services (at
http://www.contec.com/apipac/) to supply the updated drivers
and differential files.
For details, visit the CONTEC’s Web site.
< Operating environment >
OS
Windows Vista, XP, Server 2003etc..
Adaptation language Visual C++ .NET, Visual C# .NET, Visual
Basic .NET, Visual C++, Visual Basic,
Delphi, C++Builder, etc.
This library provides local routines that are specific to
CONTEC (SioOpen( ), SioWrite( ), SioRead( ), SioStatus( ),
etc.). These are not compatible with the standard Win32 API
communication routines (CreateFile( ) and WriteFile( ), etc.).
This library does not correspond to 64bit OS.
Cable (Option)
Connection Conversion Cable (37M
9M x 4, 250mm)
: PCE37/9PS
*
Check the CONTEC’s Web site for more information on these options.
-
Board(One of the following) …1
[COM-2PD-PE, COM-4PD-PE]
-
First step guide … 1
- COM Setup Disk *1 (CD-
ROM) …1
-
Warranty Certificate …1
-
Serial No. Label…1
*1 The CD-
ROM contains the driver software and User’s Guide.
CAUTION
CAUTION
Support Software
Packing List
Cable



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com