Electronic Components Datasheet Search
  English  ▼

X  

COM-4PD-PE Datasheet(PDF) 3 Page - Contec Co., Ltd

Part # COM-4PD-PE
Description  RS 422A/485 Isolated Serial I/O Board for PCI Express 4ch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

COM-4PD-PE Datasheet(HTML) 3 Page - Contec Co., Ltd

  COM-4PD-PE Datasheet HTML 1Page - Contec Co., Ltd COM-4PD-PE Datasheet HTML 2Page - Contec Co., Ltd COM-4PD-PE Datasheet HTML 3Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ver.1.01
COM-4PD-PE
3
In addition to connecting directly to the connector on the board,
you can also connect external devices via a distribution cable or
distribution unit.
- Connecting directly to the port connector.
- Using a distribution cable.
When using a COM-4PD-PE, an alternative to connecting an
external device directly to the connector on the board is to use a
connection conversion cable.
- Converting the Interface Connector to 9-pin D-SUB,
Male Connectors
Use a PCE37/9PS connection conversion cable (purchased
separately) to connect to external devices after dividing into four
9-pin D-SUB male connector channels.
<
Specification of “PCE37/9PS” >
< Connection conversion (Option) >
Connection Conversion Cable (37M
9M x 4, 250mm)
: PCE37/9PS
The SG lines for CH1 to CH4 of the option cable are not
connected to the cable shielding.
However, the frame of
each connector is connected to the shielding.
This means
that the cable shielding is connected to the body of the PC via
the frame of the interface connector.
Note that the option cable is not a twisted-pair cable.
Connecting directly to the port connector
If connecting an external device directly from the connector on
the board, use a CN5-D37M or equivalent connector.
< Pin Assignment >
The RS-422A/485 interface works based on a differential signal
whereby the signal is carried by the potential difference between
two lines (+ and -).
Using twisted pair cable is recommended to
improve resistance to noise.
Example Connection RTS and CTS to a External Device in
Full Duplex
Example Connection Oneself loop to RTS and CTS in Full
Duplex
Example Connection in Half Duplex
If connecting between external devices and this board with
faulty wiring, it will become the cause of failure.
The COM-4PD-PE is different in specifications, depending on
the board number as listed below.
■COM-4PD-PE
Board No.
No.7412
No.7412A, No.7412B etc.
And all except the left of the board number.
Dimension (mm)
169.33(L) x 110.18 (H)
121.69(L) x 110.18(H)
- Connector used
37-pin D-SUB, male connector
Thumb screw :
UNC #4-40 (inch screw)
- Cable
9-conductor shielded cable
Cable length : 250mm
Conductor size : AWG#28
- Connector used
9-pin D-SUB, male connector
Thumb screw : UNC#4-40(inch screw)
- Applicable connectors
17JE-13090-02(D8C) (mfd. by DDK, Female)
.
.
.
TxD1-
TxD1+
RTS1-
RTS1+
SG1
9
8
7
6
RxD1-
RxD1+
CTS1+
CTS1-
5
4
3
2
1
CH1
TxD4-
TxD4+
RTS4-
RTS4+
SG4
9
8
7
6
RxD4-
RxD4+
CTS4+
CTS4-
5
4
3
2
1
CH4
CH1
CH2
CH3
CH4
CAUTION
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
RTS1-
CH1 Request to Send -
CTS1+
CH1 Clear to Send +
CTS1-
CH1 Clear to Send -
TxD1+
CH1 Transmit Data +
RxD1-
CH1 Request to Send -
RTS2+
CH2 Request to Send +
RxD2+
CH2 Receive Data +
TxD2-
CH2 Transmit Data -
SG 2
CH2 Signal Ground
RTS4-
CH4 Request to Send -
CTS4+
CH4 Clear to Send +
CTS4-
CH4 Clear to Send -
TxD4+
CH4 Transmit Data +
RxD4-
CH4 Receive Data -
RTS3+
CH3 Request to Send +
RxD3+
CH3 Receive Data +
TxD3-
CH3 Transmit Data -
SG 3
CH3 Signal Ground
N.C.
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
CH1 Request to Send +
RTS1+
CH1 Receive Data +
RxD1+
CH1 Transmit Data -
TxD1-
CH1 Signal Ground
SG 1
CH2 Request to Send - RTS2-
CH2 Clear to Send +
CTS2+
CH2 Clear to Send -
CTS2-
CH2 Transmit Data +
TxD2+
CH2 Receive Data -
RxD2-
CH4 Request to Send +
RTS4+
CH4 Receive Data +
RxD4+
CH4 Transmit Data -
TxD4-
CH4 Signal Ground
SG 4
CH3 Request to Send - RTS3-
CH3 Clear to Send +
CTS3+
CH3 Clear to Send -
CTS3-
CH3 Transmit Data +
TxD3+
CH3 Receive Data -
RxD3-
CN1
RTS-
RxD-
TxD-
TxD+
RxD+
RTS+
CTS+
CTS-
SG
RTS-
RxD-
TxD-
TxD+
RxD+
RTS+
CTS+
CTS-
SG
External device
External device
RxD-
TxD-
TxD+
RxD+
SG
RxD-
TxD-
TxD+
RxD+
SG
External device
TxD-
TxD+
SG
TxD-
TxD+
SG
CAUTION
External Connection
Types of Cable and Example Connections
Different in the specification



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com