Electronic Components Datasheet Search
  English  ▼

X  

CPS-COM-1PC Datasheet(PDF) 1 Page - Contec Co., Ltd

Part # CPS-COM-1PC
Description  CODESYS EtherCAT Master
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

CPS-COM-1PC Datasheet(HTML) 1 Page - Contec Co., Ltd

  CPS-COM-1PC Datasheet HTML 1Page - Contec Co., Ltd CPS-COM-1PC Datasheet HTML 2Page - Contec Co., Ltd CPS-COM-1PC Datasheet HTML 3Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ver.1.06
CPS-PCS341EC-DS1-1201
1
CONPROSYS Series
CODESYS EtherCAT Master
CPS-PCS341EC-DS1-1201
* Specifications, color and design of the products are subject to change
without notice.
* CODESYS® is a registered trademark of 3S-Smart Software Solutions
GmbH.
This product is an EtherCAT Master controller with isolated digital input
and output (Input: 4ch, Output: 4ch), RS-232C, and LAN interface.
As you desire, add the configurable type modules of our CONPROSYS
series.
This product contains the CODESYS* Soft PLC. You can create your own
PLC program and run with the CODESYS software.
*CODESYS is a device-independent PLC-programming system that is
complied with the IEC 61131-3 standard and supports all standard
programming languages such as ST or LD.
* The contents in this document are subject to change without notice.
* Visit the CONTEC website to check the latest details in the document.
* The information in the data sheets is as of November, 2018.
Hardware Features
Add configurable modules
This product allows you to install modules from a wide variety of types to
suit the needs of the user.
* Up to 16 modules can be set and the total current consumption should
be less than 3.3A.
No base board required
As the product requires no base board for installation, it helps add
modules easily and smoothly.
Installed modules can be removed from any set positions on DIN rail.
Compact design
Compact design, 44.7(W)×94.7(D)×124.8 (H), features flexibility in
installation.
Adaptable to a temperature range between -20 and +60°C
The product is capable of operating in the temperature between -20 and
+ 60°C. It can be installed in the various environments.
A powerful running platform without fan
The product contains the ARM® Cortex®-A8 processor (600MHz) and
the DDR3 512MB system memory.
Decrease damages by bus isolation and surge protection. (digital
input/output)
Electrical isolation between the digital input/output and CPU can block
electrical noise flow. Moreover, the surge protection elements are
adopted
Opto-coupler Isolation input and semiconductor relay output
The product has the switchable four channels of opto-coupler isolation
input (compatible with current sink output) and semiconductor relay
output. It is usable for external switch inputting or LED lighting.
Max. 115,200bps RS-232C serial communication
The Product has one RS-232C-standard serial port. Baud rates from 300
to 115,200 bps can be set.
Installation easy with two pieces of terminal support and DIN rail
You can install and remove a terminal connector without a screwdriver so
that it can shorten the time of the replacement. As the product can be
mounted on a DIN rail, removing and replacing are easy as well.
Equipped with LED for an operation check
The product has LED for an operation check, which helps you visually
confirm the communication status of each interface.
No electrolytic capacitor battery
No electrolytic capacitor is used. The Contec is creating the product with
a longer life.
Software Features
Feature the CODESYS SoftPLC
CODESYS is a device-independent-PLC-programming system that is
compliant with the IEC 61131-3 standard and supports all standard
programming languages such as ST or LD.
Harmonize with EtherCAT Master
EtherCAT is a strong, efficient real-time Ethernet field bus system with an
open protocol. Various EtherCAT slave devices from differing makers can
be performed together with EtherCAT Master of this product.
Together with OPC UA Server
OPC UA (Unified Architecture) is an advanced model of OPC
specifications, which presents refined capability of communicating with
higher-order system in addition to transferring and receiving data of
devices or plants. OPC UA is a platform independent standard based on
TCP. The product can be operated with HMI and SCADA software that
support OPC UA clients from various makers.
Packing List
Product [CPS-PCS341EC-DS1-1201] …1
End Cover…1(attached to the product)
Product Guide … 1
Warranty Certificate …1
Serial Number Label …1
3-pin Connector…1
6-pin Connector…1
CODESYS Runtime License…1 (attached to the backside of the product)
※ UsethesuppliedplasticDINrailwhenconnectingthisproductanda moduleonadesktopfor system
development or validation. If you use the supplied plasticDIN rail in the field, it cannot be covered by warranty.
Therefore, when you setthe product and module in the field, use the commercially available DIN rail.


Similar Part No. - CPS-COM-1PC

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
CPS-COM-1PC CONTEC-CPS-COM-1PC Datasheet
514Kb / 2P
Serial I/O Module
More results

Similar Description - CPS-COM-1PC

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
CPSN-PCB271-S1-041 CONTEC-CPSN-PCB271-S1-041 Datasheet
494Kb / 3P
CONPROSYS nano Series CODESYS Modbus Master CPU Unit
CPS-PC341EC-1-9201 CONTEC-CPS-PC341EC-1-9201 Datasheet
443Kb / 2P
CODESYS EtherCAT Master BATT
CPS-PC341MB-ADSC1-9201 CONTEC-CPS-PC341MB-ADSC1-9201 Datasheet
487Kb / 3P
CODESYS Modbus Master BATT
CPS-PCS341MB-DS1-1201 CONTEC-CPS-PCS341MB-DS1-1201 Datasheet
311Kb / 3P
CODESYS Modbus Master
logo
Beckhoff Automation Gmb...
FC1028 BECKHOFF-FC1028 Datasheet
157Kb / 2P
PCIe EtherCAT master card
logo
Advantech Co., Ltd.
PCI-1203 ADVANTECH-PCI-1203 Datasheet
366Kb / 1P
Basic 64-Axis EtherCAT PCIE Master Card
27-Jun-2018
PCIE-1203L ADVANTECH-PCIE-1203L Datasheet
263Kb / 1P
Basic 64-Axis EtherCAT PCIE Master Card
27-Jun-2018
PCIE-1203 ADVANTECH-PCIE-1203 Datasheet
349Kb / 1P
Full Function 64-Axis EtherCAT PCIE Master Card
27-May-2022
PCIE-1203IO ADVANTECH-PCIE-1203IO Datasheet
574Kb / 1P
EtherCAT IO Master PCIE Card
10-May-2021
PCM-26R1EC ADVANTECH-PCM-26R1EC Datasheet
271Kb / 1P
1-Port EtherCAT I/O Master mPCIe Card
6-Jun-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com