Electronic Components Datasheet Search
  English  ▼

X  

CPS-COM-1PC Datasheet(PDF) 3 Page - Contec Co., Ltd

Part # CPS-COM-1PC
Description  CODESYS EtherCAT Master
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

CPS-COM-1PC Datasheet(HTML) 3 Page - Contec Co., Ltd

  CPS-COM-1PC Datasheet HTML 1Page - Contec Co., Ltd CPS-COM-1PC Datasheet HTML 2Page - Contec Co., Ltd CPS-COM-1PC Datasheet HTML 3Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ver.1.06
CPS-PCS341EC-DS1-1201
3
Physical Dimensions
List of Option
DIN rail fitting power supply
CPS-PWD-90AW24-01
DIN rail fitting power supply 90[w]
(Input: 100 - 240VAC, output: 24VDC 3.8 A)
CPS-PWD-30AW24-01
DIN rail fitting power supply 30[w]
(Input: 100 - 240VAC, output: 24VDC 1.3 A)
SD Card
SD-2GB-B
SD Card 2GB
SD-4GB-A
SD Card 4GB
Configurable Type Module
CPS-DIO-0808L
with digital input/output (no built-in power supply)
CPS-DIO-0808BL
with digital input/output (built-in power supply)
CPS-DIO-0808RL
with digital input/output (current source)
CPS-DI-16L
with digital input (16ch, current sink)
CPS-DI-16RL
with digital input (16ch, current source)
CPS-DO-16L
with digital output (16ch, current sink)
CPS-DO-16RL
with digital output (16ch, current source)
CPS-COM-1PC
with RS-232C (contains 1port)
CPS-COM-2PC
with RS-232C (contains 2 ports)
CPS-COM-1PD
with RS-422A/485 (1channel)
CPS-COM-2PD
with RS-422A/485 (2 channels)
CPS-AI-1608LI
with analog input (voltage input 8 channels)
CPS-AI-1608LI
with analog input (current input 8 channels)
CPS-AO-1804LI
with analog output (current output 4 channels)
CPS-AO-1804LI
with analog output (voltage output 4 channels)
CPS-CNT-32021
with counter input
CPS-RRY-4PCC
with Relay output
CPS-SSI-4P
with temperature sensor input
* Visit the Contec website regarding information on theoptional products.
Component Name
No.
Name
Function
1
Stack Bus
Used for power supply and communication with the configurable type
module.
2
Maintenance Connector
Do not use it.
3
Power Connector
Use the 3-pin connector, included in thepackage.
4
LEDIndicator 1
This indicates status of the product.
5
Rotary Switch
Used for user setup.
6
DigitalI/O Connector
This is a connector for digitalI/O. (Use the 6-pin connector, included in the
package)
7
LAN Port
This is a connector for LAN.
8
DIP Switch
This is used foruser setup.
9
Power Switch
This is used for controlling of the power supply.
10 SD Card Slot
This is for data storage.
11 LEDIndicator 2
This indicatesthe status of the product.
12 USB Port
This is a USB port of type-A.
13 RS-232C Serial Port
This is a RS-232C serial ports(male).
[mm]
94.7
5.1
44.7
4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com