Electronic Components Datasheet Search
  English  ▼

X  

P2008A Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # P2008A
Description  General Purpose EMI Reduction IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P2008A Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  P2008A Datasheet HTML 1Page - Alliance Semiconductor Corporation P2008A Datasheet HTML 2Page - Alliance Semiconductor Corporation P2008A Datasheet HTML 3Page - Alliance Semiconductor Corporation P2008A Datasheet HTML 4Page - Alliance Semiconductor Corporation P2008A Datasheet HTML 5Page - Alliance Semiconductor Corporation P2008A Datasheet HTML 6Page - Alliance Semiconductor Corporation P2008A Datasheet HTML 7Page - Alliance Semiconductor Corporation P2008A Datasheet HTML 8Page - Alliance Semiconductor Corporation P2008A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
July 2005
P2008A
rev 1.3
General purpose EMI Reduction IC
4 of 9
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +7.0
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
-40 to +85
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS – 0.3
-
0.8
V
VIH
Input high voltage
2.0
-
VDD + 0.3
V
IIL
Input low current
(pull-up resistors on inputs SR0 and DIV2)
-
-
-35
µA
IIH
Input high current (pull-down resistor on input SSON#)
-
-
35
µA
IXOL
XOUT Output Low Current (@ 0.4V, VDD = 3.3V)
-
3
-
mA
IXOH
XOUT Output High Current (@ 2.5V, VDD = 3.3V)
-
3
-
mA
VOL
Output low voltage (VDD = 3.3V, IOL = 10mA)
-
-
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOH = 10mA)
2.5
-
-
V
ICC
Dynamic supply current normal mode
(3.3V, and 15pF loading)
6.0
7.0
8.3
mA
IDD
Static supply current standby mode
-
0.6
-
mA
VDD
Operating voltage
3.0
3.3
3.6
V
tON
Power up time (first locked clock cycle after power up)
-
0.18
-
mS
ZOUT
Clock output impedance
-
50
-
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com