Electronic Components Datasheet Search
  English  ▼

X  

P2008A Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # P2008A
Description  General Purpose EMI Reduction IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P2008A Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

  P2008A Datasheet HTML 1Page - Alliance Semiconductor Corporation P2008A Datasheet HTML 2Page - Alliance Semiconductor Corporation P2008A Datasheet HTML 3Page - Alliance Semiconductor Corporation P2008A Datasheet HTML 4Page - Alliance Semiconductor Corporation P2008A Datasheet HTML 5Page - Alliance Semiconductor Corporation P2008A Datasheet HTML 6Page - Alliance Semiconductor Corporation P2008A Datasheet HTML 7Page - Alliance Semiconductor Corporation P2008A Datasheet HTML 8Page - Alliance Semiconductor Corporation P2008A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
July 2005
P2008A
rev 1.3
General purpose EMI Reduction IC
8 of 9
Notice: The information in this document is subject to change without notice.
Ordering Codes
Part Number
Marking
Package type
Qty/reel
Temperature
P2008A-08ST
P2008A
8 PIN SOIC, TUBE
Commercial
P2008A-08SR
P2008A
8-PIN SOIC, TAPE AND REEL
2,500
Commercial
P2008A-08TT
P2008A
8-PIN TSSOP, TUBE
Commercial
P2008A-08TR
P2008A
8-PIN TSSOP, TAPE AND REEL
2,500
Commercial
P2008AF-08ST
P2008AF
8 PIN SOIC, TUBE, Pb Free
Commercial
P2008AF-08SR
P2008AF
8-PIN SOIC, TAPE AND REEL, Pb Free
2,500
Commercial
P2008AF-08TT
P2008AF
8-PIN TSSOP, TUBE, Pb Free
Commercial
P2008AF-08TR
P2008AF
8-PIN TSSOP, TAPE AND REEL, Pb Free
2,500
Commercial
P2008AG-08ST
P2008AG
8 PIN SOIC, TUBE, Green
Commercial
P2008AG-08SR
P2008AG
8-PIN SOIC, TAPE AND REEL, Green
2,500
Commercial
P2008AG-08TT
P2008AG
8-PIN TSSOP, TUBE, Green
Commercial
P2008AG-08TR
P2008AG
8-PIN TSSOP, TAPE AND REEL, Green
2,500
Commercial
Device Ordering Information
P 2 0 0 8 A
F -
08
XX
Licensed under U.S Patent Nos 5,488,627 and 5,631,921
Package:
ST – SOIC, TUBE
SR - SOIC, T/R
TT – TSSOP, TUBE
TR - TSSOP, T/R
DEVICE NUMBER
Flow:
P = Commercial Temperature Range (0°C to 70°C)
I = Industrial Temperature Range (-40°C to 85°C)
X = Automotive Temperature Range (-40°C to 125°C)
Pin Count
F = LEAD FREE AND RoHS COMPLIANT PART
G = GREEN



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com