Electronic Components Datasheet Search
  English  ▼

X  

M62021 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M62021
Description  SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62021 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  M62021 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
(
/ 9 )
ELECTRIC
MITSUBISHI
M62021L,P,FP
MITSUBISHI<Dig.Ana.INTERFACE>
SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
6
Input
voltage
Output
pin
In normal operation
VOUT
RES
RES
CS
In failure(instantaneous drop)
Input voltage:5V
With Q4 set to ON,
a voltage
(VIN-VDROP)is output
The output level is
VOL(RES)
with a logic low
The output level is
VOH(RES)
with a logic low
The output level is
VOL(CS)
with a logic low
Input voltage:5V
4V
Each output varies if the input
voltage drops to VSL or under
Q4 is turned OFF.A voltage
(VIN-Q4 VEB(Di) is output by
the diode between E and B of
Q4
As the state shifts from a logic
low to logic high,the output level
becomes approximately equal to
the input voltage
As the state shifts from a logic
high to logic low,the output level
becomes VOL(RES)
As the state shifts from a logic
low to logic high,the output level
becomes the voltage VIN-
Q4EB(Di).
Restoration from failure
(instantaneous drop)
Input voltage:4V
5V
If the input voltage goes higher
than VSL by 100mV,each out-put
varies after delay produced by the
delay circuit
Q4 is turned ON after delay and
a voltage(VIN-VDROP) is output
A logic high is maintained,and than
shifts to a logic high
A logic low is held,and than shifts
to a logic high
A logic high is maintained,and than
shifts to a logic high
In backup state
Input voltage:0V
Backup voltage:3V
VBAT-VF
The output is a logic high
and the output level is
VBAT-VF
TIMING CHART
VIN
0V
VOUT
RES
RES
tpd
tpd
5V
CS
∆Vs
VSH
VSL
V1
V2
V3
V4
V5
V2
V5
V4
VOL(CS)
5V
VIN(VSL)
VOL(RES)
VOL(RES)
VIN(VSL)
VOL(RES)
V1=VIN-VDROP
V2=VIN-Q4VEB(Di)
V3=VIN(VSL)-VDROP
V4=VIN(VSL)-Q4VEB(Di)
V5=VBAT-VF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com