Electronic Components Datasheet Search
  English  ▼

X  

M62021 Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M62021
Description  SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62021 Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

  M62021 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62021 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
(
/ 9 )
ELECTRIC
MITSUBISHI
M62021L,P,FP
MITSUBISHI<Dig.Ana.INTERFACE>
SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
9
CS"L"OUTPUT VOLTAGE VS.
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE Ta(°C)
-40 -20
0
20 40 60 80 100 120
0
20
40
60
80
100
120
140
160
VIN=5V
ISINK=1mA
CS"L"OUTPUT VOLTAGE VS.
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE Ta(°C)
-40 -20
0
20 40 60 80 100 120
4.0
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
VIN=4V
RCS=1M
Ω
DELAY TIME VS.EXTERNAL CAPACITANCE
CONNECTED TO THE Ct PIN
VIN=0V
5V
VIN=0V
5V
Ct=4.7µA
DELAY TIME VS.AMBIENT
TEMPERATURE
AMBIENT TEMPERATURE Ta(°C)
-40 -20
0
20 40 60 80 100 120
0
5
10
15
20
25
30
35
40
EXTERNAL CAPACITANCE CONNECTED
TO THE Ct PIN Ct(µF)
0.1
1
10
100
0
10
100
1000
2 3
7
5
2 3
7
5
2 3
7
5
2
3
7
5
2
3
7
5
2
3
7
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com