Electronic Components Datasheet Search
  English  ▼

X  

WST6003 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST6003
Description  P-Ch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST6003 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST6003 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6003 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6003 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6003 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6003 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6003 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-20
V
VGS
Gate-Sou
rce Voltage
±
6
V
ID@Tc=25℃
Continuous Drain Current, VGS @ -4.5V
1
-
0.35
A
ID@Tc=70℃
Continuous Drain Current, VGS @ -4.5V
1
-
0.4
A
IDM
Pulsed Drain Current
2
-
1
A
PD@TA=25℃
Total Power Dissipation
3
0.15
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-ambient
1
---
125
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
80
℃
/W
BVDSS
RDSON
ID
-20V
1200mΩ
-
0.35A
Features
Applications
Absolute Maximum Ratings
Thermal Data
SOT
-523 Pin Configuration
Product Summery
WST6003
P-Ch MOSFET
Page 1
www.winsok.tw
Dec.2014
Drain
Gate
3
1
2
Source
D TrenchFETr Power MOSFET: 1.8-V Rated
D Gate-Source ESD Protected: 2000 V
D High-Side Switching
D Low On-Resistance: 1.2 W
D Low Threshold: 0.8 V (typ)
D Fast Switching Speed: 14 ns
D S- Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC-Q101
Qualified and PPAP Capable.
D Ease in Driving Switches
D Low Offset (Error) Voltage
D Low-Voltage Operation
D High-Speed Circuits
D Low Battery Voltage Operation
D Drivers: Relays, Solenoids, Lamps, Hammers,
Displays, Memories
D Battery Operated Systems
D Power Supply Converter Circuits
D Load/Power Switching Cell Phones, Pagers
BENEFITS


Similar Part No. - WST6003

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WST6002 WIINSOK-WST6002 Datasheet
1Mb / 5P
N-Ch MOSFET
WST6004 WIINSOK-WST6004 Datasheet
1Mb / 5P
N-Ch MOSFET
WST6005 WIINSOK-WST6005 Datasheet
659Kb / 5P
P-Ch MOSFET
WST6006 WIINSOK-WST6006 Datasheet
1Mb / 7P
N-Ch MOSFET
WST6008 WIINSOK-WST6008 Datasheet
3Mb / 6P
N-Ch MOSFET
More results

Similar Description - WST6003

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSD30L60DN56 WIINSOK-WSD30L60DN56 Datasheet
590Kb / 9P
P-Ch MOSFET
WSD30L120DN56 WIINSOK-WSD30L120DN56 Datasheet
932Kb / 5P
P-Ch MOSFET
WSE3099 WIINSOK-WSE3099 Datasheet
818Kb / 5P
P-Ch MOSFET
WSF15P06 WIINSOK-WSF15P06 Datasheet
853Kb / 5P
P-Ch MOSFET
WSF60P03 WIINSOK-WSF60P03 Datasheet
717Kb / 5P
P-Ch MOSFET
WSP4409 WIINSOK-WSP4409 Datasheet
1Mb / 5P
P-Ch MOSFET
WST2301 WIINSOK-WST2301 Datasheet
893Kb / 5P
P-Ch MOSFET
WST2305 WIINSOK-WST2305 Datasheet
1,013Kb / 5P
P-Ch MOSFET
WST2315 WIINSOK-WST2315 Datasheet
1Mb / 5P
P-Ch MOSFET
WST2339 WIINSOK-WST2339 Datasheet
660Kb / 5P
P-Ch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com