Electronic Components Datasheet Search
  English  ▼

X  

WST6006 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST6006
Description  N-Ch MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST6006 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST6006 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6006 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6006 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6006 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6006 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6006 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6006 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
60
V
VGS
Gate-Sou
rce Voltage
±
20
V
ID@TA=25℃
Continuous Drain Current, VGS @ 10V
1
115
mA
ID@TA=70℃
Continuous Drain Current, VGS @ 10V
1
75
mA
IDM
Pulsed Drain Current
2
1.0
A
PD@TA=25℃
Total Power Dissipation
3
0.2
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient
1
---
625
℃
/W
BVDSS
RDSON
ID
60V
1.4Ω
115mA
High-speed switching
Green Device Available
ESD Protected:2KV
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
SOT
-323 Pin Configuration
Product Summery
N-Ch MOSFET
Page 1
www.winsok.tw
Dec.2014
WST6006
The WST6006 is the highest performance trench N-
CH MOSFET with extreme high cell density , which
provide excellent RDSON and gate charge for most
of the small power switching and load switch
applications.
The WST6006 meet the RoHS and Green Product
requirement with full function reliability approved.


Similar Part No. - WST6006

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WST6002 WIINSOK-WST6002 Datasheet
1Mb / 5P
N-Ch MOSFET
WST6003 WIINSOK-WST6003 Datasheet
551Kb / 6P
P-Ch MOSFET
WST6004 WIINSOK-WST6004 Datasheet
1Mb / 5P
N-Ch MOSFET
WST6005 WIINSOK-WST6005 Datasheet
659Kb / 5P
P-Ch MOSFET
WST6008 WIINSOK-WST6008 Datasheet
3Mb / 6P
N-Ch MOSFET
More results

Similar Description - WST6006

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSC5N20 WIINSOK-WSC5N20 Datasheet
617Kb / 5P
N-Ch MOSFET
WSD45N10GKDN56 WIINSOK-WSD45N10GKDN56 Datasheet
2Mb / 6P
N-Ch MOSFET
WSD2050DN WIINSOK-WSD2050DN Datasheet
2Mb / 6P
N-Ch MOSFET
WSD4046GDN WIINSOK-WSD4046GDN Datasheet
1Mb / 6P
N-Ch MOSFET
WSD4070DN WIINSOK-WSD4070DN Datasheet
1Mb / 7P
N-Ch MOSFET
WSD30140DN56 WIINSOK-WSD30140DN56 Datasheet
873Kb / 6P
N-Ch MOSFET
WSF15N10 WIINSOK-WSF15N10 Datasheet
779Kb / 5P
N-Ch MOSFET
WSF15N10A WIINSOK-WSF15N10A Datasheet
2Mb / 5P
N-Ch MOSFET
WSF25N10 WIINSOK-WSF25N10 Datasheet
1Mb / 5P
N-Ch MOSFET
WSF40N10A WIINSOK-WSF40N10A Datasheet
1Mb / 6P
N-Ch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com