Electronic Components Datasheet Search
  English  ▼

X  

WST6006 Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST6006
Description  N-Ch MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST6006 Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST6006 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6006 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6006 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6006 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6006 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6006 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6006 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
60
---
---
V
△
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.05
---
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V , ID=0.
5A
---
1.4
7.5
Ω
VGS=
5V , ID=0.05A
---
10.5
13.5
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
1
1.6
2.5
V
△
VGS(th)
VGS(th) Temperature Coefficient
---
-3.7
---
mV/℃
IDSS
Drain-Source Leakage Current
VDS=60V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=60V , VGS=0V , TJ=55℃
---
---
5
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±
10
uA
gfs
Forward Transconductance
VDS≥ 2.0 VDS(on), ID = 200 mAdc)
---
80
---
mS
Td(on)
Turn-On Delay Time
---
7
6
ns
Tr
Rise Time
---
1.8
3.3
Td(off)
Turn-Off Delay Time
---
11
40
Tf
Fall Time
---
6.8
13.6
Ciss
Input Capacitance
VDS = 25 Vdc, VGS = 0,
f = 1.0 MHz
---
17
pF
Coss
Output Capacitance
---
10
Crss
Reverse Transfer Capacitance
---
2.5
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,4
VG=VD=0V , Force Current
---
---
115
mA
ISM
Pulsed Source Current
2,4
---
---
800
VSD
Diode Forward Voltage
2
IS = 115 mAdc, VGS = 0 V
---
---
1.5
V
Note :
1.The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper.
2.The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3.The power dissipation is limited by 150℃ junction temperature.
4.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Diode Characteristics
N-Ch MOSFET
Page 2
www.winsok.tw
Dec.2014
WST6006
(VDD = 25 Vdc , ID =500
mAdc, RG = 25 ,RL = 50
,Vgen = 10 V)
mA
---
---
---



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com