Electronic Components Datasheet Search
  English  ▼

X  

WST6008 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST6008
Description  N-Ch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST6008 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST6008 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6008 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6008 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6008 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6008 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6008 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Sou
rce Voltage
±
10
V
ID@TA=25℃
Continuous Drain Current, VGS @ 10V
1
300
mA
ID@TA=70℃
Continuous Drain Current, VGS @ 10V
1
250
mA
IDM
Pulsed Drain Current
2
1500
mA
PD@TA=25℃
Total Power Dissipation
3
300
mW
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient
1
---
℃
/W
BVDSS
RDSON
ID
30V
140mΩ
300mA
General Description
Features
Applications
Power Management Load Switch
Level Shift
Portable Applications such as Cell Phones, Media
Players, Digital Cameras, PDA’s, Video Games,
Hand Held Computers, etc.
Absolute Maximum Ratings
Thermal Data
SOT
-523 Pin Configuration
Product Summery
N-Ch MOSFET
Page 1
www.winsok.tw
Dec.2014
WST6008
The WST6008 is the highest performance
trench N-Ch MOSFET with extreme high cell
density , which provide excellent RDSON and
gate charge for most of the small power
switching and load switch applications.
The WST6008 meet the RoHS and
Green Product requirement with full
function reliability approved.
• Low Gate Charge for Fast Switching
•
•
•
Small 1.6 X 1.6 mm Footprint
ESD Protected Gate
We declare that the material of product is ROHS
compliant
and halogen free.
416


Similar Part No. - WST6008

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WST6002 WIINSOK-WST6002 Datasheet
1Mb / 5P
N-Ch MOSFET
WST6003 WIINSOK-WST6003 Datasheet
551Kb / 6P
P-Ch MOSFET
WST6004 WIINSOK-WST6004 Datasheet
1Mb / 5P
N-Ch MOSFET
WST6005 WIINSOK-WST6005 Datasheet
659Kb / 5P
P-Ch MOSFET
WST6006 WIINSOK-WST6006 Datasheet
1Mb / 7P
N-Ch MOSFET
More results

Similar Description - WST6008

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSC5N20 WIINSOK-WSC5N20 Datasheet
617Kb / 5P
N-Ch MOSFET
WSD45N10GKDN56 WIINSOK-WSD45N10GKDN56 Datasheet
2Mb / 6P
N-Ch MOSFET
WSD2050DN WIINSOK-WSD2050DN Datasheet
2Mb / 6P
N-Ch MOSFET
WSD4046GDN WIINSOK-WSD4046GDN Datasheet
1Mb / 6P
N-Ch MOSFET
WSD4070DN WIINSOK-WSD4070DN Datasheet
1Mb / 7P
N-Ch MOSFET
WSD30140DN56 WIINSOK-WSD30140DN56 Datasheet
873Kb / 6P
N-Ch MOSFET
WSF15N10 WIINSOK-WSF15N10 Datasheet
779Kb / 5P
N-Ch MOSFET
WSF15N10A WIINSOK-WSF15N10A Datasheet
2Mb / 5P
N-Ch MOSFET
WSF25N10 WIINSOK-WSF25N10 Datasheet
1Mb / 5P
N-Ch MOSFET
WSF40N10A WIINSOK-WSF40N10A Datasheet
1Mb / 6P
N-Ch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com