Electronic Components Datasheet Search
  English  ▼

X  

WST6008 Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST6008
Description  N-Ch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST6008 Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST6008 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6008 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6008 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6008 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6008 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST6008 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=
100uA
30
---
---
V
△
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.05
---
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=
4.5V , ID=154mA
---
140
200
mΩ
VGS=
2.5V , ID=154mA
---
250
350
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =
100uA
0.5
1.0
1.5
V
△
VGS(th)
VGS(th) Temperature Coefficient
---
0.9
---
mV/℃
IDSS
Drain-Source Leakage Current
VDS=
30V , VGS=0V , TJ=25℃
---
---
1
.0
uA
VDS=
20V , VGS=0V , TJ=85℃
---
---
1.0
IGSS
Gate-Source Leakage Current
VGS=±
5V , VDS=0V
---
---
±
1
.0
uA
gfs
Forward Transconductance
VDS=5V , ID=0.
1A
---
140
---
mS
Td(on)
Turn-On Delay Time
VDS=5V , VGS=4.5V ,
RG=
10Ω, ID=75mA
---
15
---
ns
Tr
Rise Time
---
16
---
Td(off)
Turn-Off Delay Time
---
98
---
Tf
Fall Time
---
61
---
Ciss
Input Capacitance
VDS=
5V , VGS=0V , f=1MHz
---
180
pF
Coss
Output Capacitance
---
50
Crss
Reverse Transfer Capacitance
---
20
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,4
VG=VD=0V , Force Current
---
---
1
50
mA
ISM
Pulsed Source Current
2,4
---
---
0.8
A
VSD
Diode Forward Voltage
2
VGS=0V , IS=
0.154mA , TJ=25℃
---
0.77
0.9
V
Note :
1.The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper.
2.The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3.The power dissipation is limited by 150℃ junction temperature.
4.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Diode Characteristics
N-Ch MOSFET
Page 2
www.winsok.tw
Dec.2014
WST6008
---
---
---



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com