Electronic Components Datasheet Search
  English  ▼

X  

MSP430F6433IPZ Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6433IPZ
Description  MSP430F643x Mixed-Signal Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6433IPZ Datasheet(HTML) 73 Page - Texas Instruments

Back Button MSP430F6433IPZ Datasheet HTML 69Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 70Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 71Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 72Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 73Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 74Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 75Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 76Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 128 page
background image
9.12.15 Comparator_B
The primary function of the Comparator_B module is to support precision slope analog-to-digital conversions,
battery voltage supervision, and monitoring of external analog signals.
9.12.16 ADC12_A
The ADC12_A module supports fast 12-bit analog-to-digital conversions. The module implements a 12-bit SAR
core, sample select control, reference generator, and a 16-word conversion-and-control buffer. The conversion-
and-control buffer allows up to 16 independent ADC samples to be converted and stored without any CPU
intervention.
The DAC12_A module is a 12-bit R-ladder voltage-output DAC. The DAC12_A may be used in 8-bit or 12-bit
mode, and may be used with the DMA controller. When multiple DAC12_A modules are present, they may be
grouped together for synchronous operation.
9.12.18 CRC16
The CRC16 module produces a signature based on a sequence of entered data values and can be used for data
checking purposes. The CRC16 module signature is based on the CRC-CCITT standard.
9.12.19 Voltage Reference (REF) Module
The REF module generates all of the critical reference voltages that can be used by the various analog
peripherals in the device.
9.12.20 LCD_B
The LCD_B driver generates the segment and common signals that are required to drive a liquid crystal display
(LCD). The LCD_B controller has dedicated data memories to hold segment drive information. Common and
segment signals are generated as defined by the mode. Static, 2-mux, 3-mux, and 4-mux LCDs are supported.
The module can provide a LCD voltage independent of the supply voltage with its integrated charge pump. It is
possible to control the level of the LCD voltage, and thus the contrast, by software. The module also provides an
automatic blinking capability for individual segments.
9.12.21 LDO and PU Port
The integrated 3.3-V power system incorporates an integrated 3.3-V LDO regulator that allows the entire
MSP430 microcontroller to be powered from nominal 5-V LDOI when it is made available for the system.
Alternatively, the power system can supply power only to other components within the system, or it can be
unused altogether.
The Port U pins (PU.0 and PU.1) function as general-purpose high-current I/O pins. These pins can only be
configured together as either both inputs or both outputs. Port U is supplied by the LDOO rail. If the 3.3-V LDO is
not being used in the system (disabled), the LDOO pin can be supplied externally.
9.12.22 Embedded Emulation Module (EEM)
The EEM supports real-time in-system debugging. The L version of the EEM has the following features:
• Eight hardware triggers or breakpoints on memory access
• Two hardware triggers or breakpoints on CPU register write access
• Up to 10 hardware triggers can be combined to form complex triggers or breakpoints
• Two cycle counters
• Sequencer
• State storage
• Clock control on module level
www.ti.com
MSP430F6438, MSP430F6436, MSP430F6435, MSP430F6433
SLAS720F – AUGUST 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: MSP430F6438 MSP430F6436 MSP430F6435 MSP430F6433



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com