Electronic Components Datasheet Search
  English  ▼

X  

MSP430F6433IPZ Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6433IPZ
Description  MSP430F643x Mixed-Signal Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6433IPZ Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F6433IPZ Datasheet HTML 1Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 2Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 3Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 4Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 5Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 6Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 7Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 8Page - Texas Instruments MSP430F6433IPZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 128 page
background image
MSP430F643x Mixed-Signal Microcontrollers
1 Features
• Low supply voltage range: 1.8 V to 3.6 V
• Ultra-low power consumption
– Active mode (AM):
All system clocks active:
270 µA/MHz at 8 MHz, 3.0 V, flash program
execution (typical)
– Standby mode (LPM3):
Watchdog with crystal and supply supervisor
operational, full RAM retention, fast wakeup:
1.8 µA at 2.2 V, 2.1 µA at 3.0 V (typical)
– Shutdown real-time clock (RTC) mode
(LPM3.5):
Shutdown mode, active RTC with crystal:
1.1 µA at 3.0 V (typical)
– Shutdown mode (LPM4.5):
0.3 µA at 3.0 V (typical)
• Wake up from standby mode in 3 µs (typical)
• 16-bit RISC architecture, extended memory, up to
20-MHz system clock
• Flexible power-management system
– Fully integrated LDO with programmable
regulated core supply voltage
– Supply voltage supervision, monitoring, and
brownout
• Unified clock system
– FLL control loop for frequency stabilization
– Low-power low-frequency internal clock source
(VLO)
– Low-frequency trimmed internal reference
source (REFO)
– 32-kHz crystals (XT1)
– High-frequency crystals up to 32 MHz (XT2)
• Four 16-bit timers with 3, 5, or 7 capture/compare
registers
• Two universal serial communication interfaces
(USCIs)
– USCI_A0 and USCI_A1 each support:
• Enhanced UART supports automatic baud-
rate detection
• IrDA encoder and decoder
• Synchronous SPI
– USCI_B0 and USCI_B1 each support:
• I2C
• Synchronous SPI
• Integrated 3.3-V power system
• 12-bit analog-to-digital converter (ADC) with
internal shared reference, sample-and-hold, and
autoscan feature
• Dual 12-bit digital-to-analog converters (DACs)
with synchronization
• Voltage comparator
• Integrated liquid crystal display (LCD) driver with
contrast control for up to 160 segments
• Hardware multiplier supports 32-bit operations
• Serial onboard programming, no external
programming voltage needed
• 6-channel internal DMA
• RTC module with supply voltage backup switch
• Table 6-1 summarizes the available family
members
2 Applications
• Analog and digital sensor systems
• Digital motor control
• Remote controls
• Thermostats
• Digital timers
• Hand-held meters
3 Description
The TI MSP430™ family of ultra-low-power microcontrollers consists of several devices featuring different sets of
peripherals targeted for various applications. The architecture, combined with five low-power modes, is
optimized to achieve extended battery life in portable measurement applications. The device features a powerful
16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency. The
digitally controlled oscillator (DCO) allows the device to wake up from low-power modes to active mode in 3 µs
(typical).
The MSP430F643x devices are microcontrollers with an integrated 3.3-V LDO, a high-performance 12-bit ADC,
a comparator, two USCIs, a hardware multiplier, DMA, four 16-bit timers, an RTC module with alarm capabilities,
an LCD driver, and up to 74 I/O pins.
For complete module descriptions, see the MSP430F5xx and MSP430F6xx Family User's Guide.
www.ti.com
MSP430F6438, MSP430F6436, MSP430F6435, MSP430F6433
SLAS720F – AUGUST 2010 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: MSP430F6438 MSP430F6436 MSP430F6435 MSP430F6433
MSP430F6438, MSP430F6436, MSP430F6435, MSP430F6433
SLAS720F – AUGUST 2010 – REVISED SEPTEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - MSP430F6433IPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F6433IPZ TI1-MSP430F6433IPZ Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F6433IPZ TI1-MSP430F6433IPZ Datasheet
1Mb / 119P
Mixed-Signal Microcontrollers
MSP430F6433IPZR TI1-MSP430F6433IPZR Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F6433IPZR TI1-MSP430F6433IPZR Datasheet
1Mb / 119P
Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F6433IPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
Mixed-Signal Microcontrollers
MSP430F5438 TI1-MSP430F5438 Datasheet
1Mb / 104P
Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com