Electronic Components Datasheet Search
  English  ▼

X  

D1012 Datasheet(PDF) 2 Page - G.M. International

Part # D1012
Description  Quadruple Repeater Power Supply DIN-Rail Model D1012Q
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International

D1012 Datasheet(HTML) 2 Page - G.M. International

  D1012 Datasheet HTML 1Page - G.M. International D1012 Datasheet HTML 2Page - G.M. International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Group
Cenelec
Parameters Table:
Safety Description
Maximum External Parameters
Function Diagram:
Lo/Ro
(µH/Ω)
Lo/La
(mH)
Co/Ca
(µF)
Image:
NOTE for USA and Canada:
IIC equal to Gas Groups A, B, C, D, E, F and G
IIB equal to Gas Groups C, D, E, F and G
IIA equal to Gas Groups D, E, F and G
Terminals 13-14, 15-16
G.M. International DTS0189-10 Page 2/2
HAZARDOUS AREA ZONE 0 (ZONE 20) GROUP IIC,
HAZARDOUS LOCATIONS CLASS I, DIVISION 1, GROUPS A, B, C, D,
CLASS II, DIVISION 1, GROUPS E, F, G, CLASS III, DIVISION 1,
CLASS I, ZONE 0, GROUP IIC
SAFE AREA, ZONE 2 GROUP IIC T4,
NON HAZARDOUS LOCATIONS, CLASS I, DIVISION 2,
GROUPS A, B, C, D T-Code T4, CLASS I, ZONE 2, GROUP IIC T4
Uo/Voc = 21.5 V
Io/Isc = 93 mA
Po/Po = 496 mW
IIC
IIB
IIA
0.176
1.200
4.500
4.1
16.4
32.8
71.7
287.0
574.0
9-10, 11-12
MODEL D1012Q
=
=
13
14
3 +
4 -
1
2
RL
mA
+
-
Supply 24 Vdc
Source I
Out 1
+
-
2 Wire Tx
I
?
In 1
5
2
RL
mA
+
-
Out 2
7
6
RL
mA
+
-
Out 3
8
6
RL
mA
+
-
Out 4
Common
negative connection
15
16
+
-
I
?
In 2
9
10
+
-
I
?
In 3
11
12
+
-
I
?
In 4
Common
positive
connection
MODEL D1012Q
=
=
13
14
3 +
4 -
1
2
RL
mA
+
-
Supply 24 Vdc
Source I
Out 1-A
+
-
2 Wire Tx
I
?
In 1
5
2
RL
mA
+
-
Out 1-B
7
6
RL
mA
+
-
Out 2-A
8
6
RL
mA
+
-
Out 2-B
Common
negative connection
9
10
+
-
I
?
In 2
Common
positive
connection
2 Wire Tx
Out 1-A
Out 1-B
Out 1-C
Out 1-D
or 1 Input
4 Outputs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com