Electronic Components Datasheet Search
  English  ▼

X  

D1012 Datasheet(PDF) 1 Page - G.M. International

Part # D1012
Description  Quadruple Repeater Power Supply DIN-Rail Model D1012Q
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International

D1012 Datasheet(HTML) 1 Page - G.M. International

  D1012 Datasheet HTML 1Page - G.M. International D1012 Datasheet HTML 2Page - G.M. International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Characteristics:
Technical Data:
Front Panel and Features:
Ordering Information:
Model:
D1012Q
D1012
D1012 Quadruple Repeater Power Supply
DIN-Rail Model D1012Q
General Description:
The quadruple channel DIN Rail Repeater Power Supply D1012Q provides a fully
floating dc supply for energizing conventional 2 wires 4-20 mA transmitters located in
Hazardous Area, and repeats the current in Safe Area to drive a load.
Function:
4 channels I.S. analog input for 2 wires loop powered transmitters, provides isolation
between input versus output and supply, and current (source mode) output signal.
On demand it is possible to supply the following combination of input/output:
2 independent input // 2+2 independent groups of output or 1 input // 4 outputs.
Signalling LED:
Power supply indication (green).
EMC:
Fully compliant with CE marking applicable requirements.
• Input from Zone 0 (Zone 20), Division 1,
installation in Zone 2, Division 2.
• Quadruple channels for 2 wires Transmitters.
• 4-20 mA Input, Output Signal.
• Input and Output short circuit proof.
• High Accuracy.
• EMC Compatibility to EN61000-6-2, EN61000-6-4.
• ATEX, IECEx, FM & FM-C, Russian
Certifications.
• Type Approval Certificate DNV and KR for
marine applications.
• High Reliability, SMD components.
• High Density, four channels per unit.
• Simplified installation using standard
DIN Rail and plug-in terminal blocks.
• 250 Vrms (Um) max. voltage allowed to the
instruments associated with the barrier.
Supply:
24 Vdc nom (20 to 30 Vdc) reverse polarity protected,
ripple within voltage limits ≤ 5 Vpp.
Current consumption @ 24 V: 160 mA with 20 mA output typical.
Power dissipation: 2.3 W for 4 channels with 24 V supply voltage and
20 mA output typical.
Max. power consumption: at 30 V supply voltage, 4.0 W for 4 channels.
Isolation (Test Voltage):
I.S. In/Out 1.5 KV; I.S. In/Supply 1.5 KV.
Input:
4 to 20 mA (2 wire Tx current limited at ≈ 22 mA).
Transmitter line voltage:
14.0 V typical at 20 mA with max. 30 mVrms ripple.
Output:
4 to 20 mA, on max. 300 Ω load source mode, current limited at 20.6 mA.
Response time: 500 ms (10 to 90 % step change).
Output ripple: ≤ 30 mVrms.
Performance:
Ref. Conditions 24 V supply, 250 Ω load, 23 ± 1 °C ambient temperature.
Calibration accuracy: ≤ ± 0.1 % of full scale.
Linearity error: ≤ ± 0.05 % of full scale.
Supply voltage influence: ≤ ± 0.05 % of full scale for a min to max supply change.
Load influence: ≤ ± 0.05 % of full scale for a 0 to 100 % load resistance change.
Temperature influence: ≤ ± 0.01 % on zero and span for a 1 °C change.
Compatibility:
CE mark compliant, conforms to 94/9/EC Atex Directive and to
2004/108/CE EMC Directive.
Environmental conditions:
Operating: temperature limits -20 to + 60 °C, relative humidity max 95 %.
Storage: temperature limits - 45 to + 80 °C.
Safety Description:
II (1) G [Ex ia Ga] IIC, II (1) D [Ex ia Da] IIIC, I (M1) [Ex ia Ma] I, II 3G Ex nA II T4,
[Ex ia Ga] IIC, [Ex ia Da] IIIC, [Ex ia Ma] I associated electrical apparatus.
Uo/Voc = 21.5 V, Io/Isc = 93 mA, Po/Po = 496 mW
at terminals 13-14, 15-16, 9-10, 11-12.
Um = 250 Vrms, -20 °C ≤ Ta ≤ 60 °C.
Approvals:
DMT 01 ATEX E 042 X conforms to EN60079-0, EN60079-11, EN60079-26,
EN61241-0, EN61241-11, IECEx BVS 07.0027X conforms to IEC60079-0,
IEC60079-11, IEC60079-26, IEC61241-0, IEC61241-11,
IMQ 09 ATEX 013 X conforms to EN60079-0, EN60079-15,
FM & FM-C No. 3024643, 3029921C, conforms to Class 3600, 3610, 3611, 3810 and
C22.2 No.142, C22.2 No.157, C22.2 No.213, E60079-0, E60079-11, E60079-15,
Russia according to GOST 12.2.007.0-75, R 51330.0-99, R 51330.10-99 [Exia] IIC X,
DNV and KR Type Approval Certificate for marine applications.
Mounting:
T35 DIN Rail according to EN50022.
Weight: about 140 g.
Connection: by polarized plug-in disconnect screw terminal blocks to accomodate
terminations up to 2.5 mm2.
Location: Safe Area/Non Hazardous Locations or Zone 2, Group IIC T4,
Class I, Division 2, Groups A, B, C, D Temperature Code T4 and
Class I, Zone 2, Group IIC, IIB, IIA T4 installation.
Protection class: IP 20.
Dimensions: Width 22.5 mm, Depth 99 mm, Height 114.5 mm.
G.M. International DTS0189-11 Page 1/2
1 2 3 4
9 10 11 12
16
15
14
13
5 6 7 8
PWR ON
www.gmintsrl.com


Similar Part No. - D1012

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D10129U2JH6 VISHAY-D10129U2JH6 Datasheet
123Kb / 9P
Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
09-May-14
D10129U2JH6 VISHAY-D10129U2JH6 Datasheet
123Kb / 9P
Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
09-May-14
logo
Seme LAB
D1012UK SEME-LAB-D1012UK Datasheet
50Kb / 4P
METAL GATE RF SILICON FET
More results

Similar Description - D1012

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP012V015W1A DELTA-DRP012V015W1A Datasheet
900Kb / 4P
DIN RAIL POWER SUPPLY
logo
G.M. International
D1010 GMI-D1010 Datasheet
366Kb / 4P
SIL 2 Repeater Power Supply Smart-Hart compatible DIN-Rail Models
D1014 GMI-D1014 Datasheet
295Kb / 2P
SIL 2 Repeater Power Supply Hart compatible DIN-Rail
logo
Applied Motion Products...
PS480D72 AMP-PS480D72 Datasheet
950Kb / 6P
DIN Rail Power Supply
logo
G.M. International
D1035 GMI-D1035 Datasheet
278Kb / 2P
Frequency-Pulse Isolating Repeater DIN-Rail Model D1035S
D1054 GMI-D1054 Datasheet
429Kb / 4P
SIL 2 Repeater Power Supply and Trip Amplifiers DIN-Rail Model D1054S
D1060 GMI-D1060 Datasheet
443Kb / 4P
Frequency-Pulse Converter, Repeater and Trip Amplifiers DIN-Rail Model D1060S
D1061 GMI-D1061 Datasheet
506Kb / 4P
RS422 / RS485 Isolating Repeater DIN-Rail Model D1061S
D2052 GMI-D2052 Datasheet
257Kb / 2P
Relay Output Repeater DIN-Rail Model D2052M
D2053 GMI-D2053 Datasheet
245Kb / 2P
Transistor Output Repeater DIN-Rail Model D2053M
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com