Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS237D Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HCS237D
Description  SN74HCS237 3- to 8-Line Decoder/Demultiplexer with Address Latches and Schmitt-Trigger Inputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS237D Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS237D Datasheet HTML 1Page - Texas Instruments SN74HCS237D Datasheet HTML 2Page - Texas Instruments SN74HCS237D Datasheet HTML 3Page - Texas Instruments SN74HCS237D Datasheet HTML 4Page - Texas Instruments SN74HCS237D Datasheet HTML 5Page - Texas Instruments SN74HCS237D Datasheet HTML 6Page - Texas Instruments SN74HCS237D Datasheet HTML 7Page - Texas Instruments SN74HCS237D Datasheet HTML 8Page - Texas Instruments SN74HCS237D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SN74HCS237 3- to 8-Line Decoder/Demultiplexer with Address Latches and Schmitt-
Trigger Inputs
1 Features
• Wide operating voltage range: 2 V to 6 V
• Schmitt-trigger inputs allow for slow or noisy input
signals
• Low power consumption
– Typical ICC of 100 nA
– Typical input leakage current of ±100 nA
• ±7.8-mA output drive at 6 V
• Extended ambient temperature range: –40°C to
+125°C, TA
2 Applications
• Memory device selection with shared data bus
• Reduce required number of outputs for chip select
applications
• Route data
3 Description
The SN74HCS237 is a three to eight decoder with
latched address inputs, one standard output strobe
(G0), and one active low output strobe (G1). When the
latch enable (LE) input is high, the device acts as a
standard three to eight decoder. When the latch
enable (LE) input is low, the address latch retains its
previous state. When the outputs are gated by either
strobe input, they are all forced into the low state.
When the outputs are not disabled by one or both of
the strobe inputs, only the selected output is high
while all others are low.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
SN74HCS237PW
TSSOP (16)
5.00 mm × 4.40 mm
SN74HCS237D
SOIC (16)
9.90 mm × 3.90 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Benefits of Schmitt-trigger inputs
www.ti.com
SN74HCS237
SCLS834 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: SN74HCS237
SN74HCS237
SCLS834 – SEPTEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74HCS237D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS237D TI2-SN74HCS237D Datasheet
1,003Kb / 26P
SN74HCS237 3- to 8-Line Decoder/Demultiplexer with Address Latches and Schmitt- Trigger Inputs
REVISED JUNE 2021
SN74HCS237D-Q1 TI-SN74HCS237D-Q1 Datasheet
691Kb / 19P
SN74HCS237-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Address Latches and Schmitt-Trigger Inputs
SN74HCS237D-Q1 TI-SN74HCS237D-Q1 Datasheet
1Mb / 25P
SN74HCS237-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Address Latches and Schmitt-Trigger Inputs
SN74HCS237D-Q1 TI2-SN74HCS237D-Q1 Datasheet
1,005Kb / 26P
SN74HCS237-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Address Latches and Schmitt-Trigger Inputs
REVISED JUNE 2021
SN74HCS237DR TI2-SN74HCS237DR Datasheet
1,003Kb / 26P
SN74HCS237 3- to 8-Line Decoder/Demultiplexer with Address Latches and Schmitt- Trigger Inputs
REVISED JUNE 2021
More results

Similar Description - SN74HCS237D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS137 FAIRCHILD-DM74ALS137 Datasheet
57Kb / 6P
3 to 8 Line Decoder/Demultiplexer with Address Latches
logo
NXP Semiconductors
74HC237 NXP-74HC237_10 Datasheet
150Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
logo
Texas Instruments
SN74HCS137-Q1 TI1-SN74HCS137-Q1 Datasheet
830Kb / 23P
SN74HCS137-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Address Latches and Schmitt-Trigger Inputs
SN74HCS137 TI-SN74HCS137 Datasheet
689Kb / 19P
SN74HCS137 3- to 8-Line Decoder/Demultiplexer with Address Latches and Schmitt-Trigger Inputs
SN74HCS237-Q1 TI-SN74HCS237-Q1 Datasheet
691Kb / 19P
SN74HCS237-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Address Latches and Schmitt-Trigger Inputs
SN74HCS137-Q1 TI-SN74HCS137-Q1_V01 Datasheet
830Kb / 23P
SN74HCS137-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Address Latches and Schmitt-Trigger Inputs
SN74HCS237-Q1 TI-SN74HCS237-Q1_V01 Datasheet
1Mb / 25P
SN74HCS237-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Address Latches and Schmitt-Trigger Inputs
logo
Nexperia B.V. All right...
74HC237 NEXPERIA-74HC237 Datasheet
276Kb / 16P
3-to-8 line decoder, demultiplexer with address latches
Rev. 8 - 26 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com