Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS237D Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74HCS237D
Description  SN74HCS237 3- to 8-Line Decoder/Demultiplexer with Address Latches and Schmitt-Trigger Inputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS237D Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74HCS237D Datasheet HTML 5Page - Texas Instruments SN74HCS237D Datasheet HTML 6Page - Texas Instruments SN74HCS237D Datasheet HTML 7Page - Texas Instruments SN74HCS237D Datasheet HTML 8Page - Texas Instruments SN74HCS237D Datasheet HTML 9Page - Texas Instruments SN74HCS237D Datasheet HTML 10Page - Texas Instruments SN74HCS237D Datasheet HTML 11Page - Texas Instruments SN74HCS237D Datasheet HTML 12Page - Texas Instruments SN74HCS237D Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
8 Detailed Description
8.1 Overview
The SN74HCS237 is a high speed silicon gate CMOS decoder well suited to memory address decoding or data
routing applications. It contains a single 3:8 decoder. All inputs include Schmitt-triggers allowing for slow input
transitions and providing additional noise margin.
The SN74HCS237 has three address select inputs (A2, A1, and A0). When the latch enable (LE) input is high,
the circuit functions as a normal one-of-eight decoder. When the latch enable (LE) input is low, the address
latches will maintain their previous states, regardless of any changes at the address select inputs.
Two strobe inputs (G 1 and G0) are provided to simplify cascading and to facilitate demultiplexing. When any
input strobe is active, all outputs are forced into the low state.
The demultiplexing function is accomplished by first using the select inputs to choose the desired output, and
then using one of the strobe inputs as the data input.
The outputs for the SN74HCS237 are normally low, and high when selected.
8.2 Functional Block Diagram
A0
A1
A2
3-BIT
LATCH
LE
D
LE
Q
Q
D
LE
Q
Q
D
LE
Q
Q
OUTPUT
ENABLE
Y0
Y1
Y2
G1
G0
Y3
Y4
Y5
Y6
Y7
3:8 DECODER
000
001
010
011
100
101
110
111
Figure 8-1. Logic Diagram (Positive Logic) for the SN74HCS237
8.3 Feature Description
8.3.1 Balanced CMOS Push-Pull Outputs
This device includes balanced CMOS push-pull outputs. The term "balanced" indicates that the device can sink
and source similar currents. The drive capability of this device may create fast edges into light loads so routing
and load conditions should be considered to prevent ringing. Additionally, the outputs of this device are capable
of driving larger currents than the device can sustain without being damaged. It is important for the output power
of the device to be limited to avoid damage due to overcurrent. The electrical and thermal limits defined in the
Absolute Maximum Ratings must be followed at all times.
Unused push-pull CMOS outputs should be left disconnected.
www.ti.com
SN74HCS237
SCLS834 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: SN74HCS237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com