Electronic Components Datasheet Search
  English  ▼

X  

SII141 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SII141
Description  SiI 141B PanelLink Digital Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SII141 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SII141 Datasheet HTML 3Page - List of Unclassifed Manufacturers SII141 Datasheet HTML 4Page - List of Unclassifed Manufacturers SII141 Datasheet HTML 5Page - List of Unclassifed Manufacturers SII141 Datasheet HTML 6Page - List of Unclassifed Manufacturers SII141 Datasheet HTML 7Page - List of Unclassifed Manufacturers SII141 Datasheet HTML 8Page - List of Unclassifed Manufacturers SII141 Datasheet HTML 9Page - List of Unclassifed Manufacturers SII141 Datasheet HTML 10Page - List of Unclassifed Manufacturers SII141 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SiI 141B
SiI-DS-0037-C
Silicon Image, Inc.
7
Subject to Change without Notice
Output Pin Description
Pin Name
Pin #
Type
Description
Q35 – Q0
See
Out
SiI 141B
Pin
Diagram
Output Data [35:0].
Output data is synchronized with output data clock (ODCK).
When PIXS is low Q35-Q24 are low and Q23-Q0 output 24-bit/pixel data.
When PIXS is high Q17-Q0 output the even numbered pixels (pixel 0, 2, 4, ... , etc.) and Q35-Q18 output
the odd numbered pixels (pixel 1, 3, 5, ... , etc.).
Refer to the TFT Signal Mapping (Si
I/AN-0008) and DSTN Signal Mapping (SiI/AN-0007) application notes
which tabulate the relationship between the input data to the transmitter and output data from the receiver.
A low level on PD or PDO will put the output drivers into a high impedance (tri-state) mode. A weak
internal pull-down device brings each output to ground.
ODCK
36
Out
Output Data Clock.
A low level on PD or PDO will put the output drivers into a high impedance (tri-state) mode. A weak
internal pull-down device brings each output to ground.
DE
41
Out
Output Data Enable.
A low level on PD or PDO will put the output drivers into a high impedance (tri-state) mode. A weak
internal pull-down device brings each output to ground.
HSYNC
12
Out
Horizontal Sync output control signal.
VSYNC
14
Out
Vertical Sync output control signal.
CTL1
8
Out
General output control signal 1. This pin is not controlled by PDO.
CTL2
9
Out
General output control signal 2
CTL3
10
Out
General output control signal 3.
A low level on PD or PDO will put the output drivers into a high impedance (tri-state) mode. A weak
internal pull-down device brings each output to ground.
Configuration Pin Description
Pin Name
Pin #
Type
Description
OCK_INV
80
In
ODCK Polarity. A low level selects normal ODCK output, which enables data latching on the falling
edge. A high level (3.3V) selects inverted ODCK output, which enables data latching on the rising edge.
Both conditions are for color TFT panel support. For color 24-bit DSTN panel support, please refer to the
DSTN Signal Mapping (Si
I/AN-0008-A) application note.
PIXS
5
In
Pixel Select. A low level indicates that output data is one pixel (up to 24-bit) per clock and a high level
(3.3V) indicates that output data is two pixels (up to 36-bit) per clock.
DF0
6
In
Output Data Format. This pin controls clock and data output format. A low level indicates that ODCK
runs continuously for color TFT panel support and a high level (3.3V) indicates that ODCK is stopped
(LOW) for color 24-bit DSTN panel support when DE is low. Refer to the TFT Signal Mapping (Si
I/AN-
0007-A) and DSTN Signal Mapping (Si
I/AN-0008-A) application notes for a table on TFT or DSTN panel
support.
HSYNC_DEJTR
75
In
A low level enables the HSYNC de-jitter circuitry. A high level disables the de-jitter circuitry. If left
unconnected, the circuitry defaults to disabled.
ST
79
In
Output Driver Strength. A low level indicates low drive. A high level indicates high drive.
Power Management Pin Description
Pin Name
Pin #
Type
Description
SCDT
7
Out
SyncDetect. A high level is output when DE is toggling. A low level is output when DE is inactive. See page
9.
PD
2
In
Power Down (active low). A high level (3.3V) indicates normal operation and a low level indicates power down
mode. During power down mode all internal circuitry is powered down and digital I/O are set the same as
when PDO is asserted. (see PDO pin description).
PDO
3
In
Power Down Output (active low). A high level indicates normal operation. A low level puts the output drivers
only into a high impedance (tri-state) mode. A weak internal pull-down device brings each output to ground.
There is an internal pull-up resistor on PDO that defaults the chip to normal operation if left unconnected.
SCDT and CTL1 are not tri-stated by this pin. See explanation of clock detect on page 8-9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com