Electronic Components Datasheet Search
  English  ▼

X  

SII141 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SII141
Description  SiI 141B PanelLink Digital Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SII141 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SII141 Datasheet HTML 4Page - List of Unclassifed Manufacturers SII141 Datasheet HTML 5Page - List of Unclassifed Manufacturers SII141 Datasheet HTML 6Page - List of Unclassifed Manufacturers SII141 Datasheet HTML 7Page - List of Unclassifed Manufacturers SII141 Datasheet HTML 8Page - List of Unclassifed Manufacturers SII141 Datasheet HTML 9Page - List of Unclassifed Manufacturers SII141 Datasheet HTML 10Page - List of Unclassifed Manufacturers SII141 Datasheet HTML 11Page - List of Unclassifed Manufacturers SII141 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SiI 141B
SiI-DS-0037-C
Silicon Image, Inc.
8
Subject to Change without Notice
Differential Signal Data Pin Description
Pin Name
Pin #
Type
Description
RX0+
70
Analog
TMDS Low Voltage Differential Signal input data pairs.
RX0-
71
RX1+
67
RX1-
68
RX2+
64
RX2-
65
RXC+
74
Analog
TMDS Low Voltage Differential Signal input clock pair.
RXC-
73
EXT_RES
76
Analog
Impedance Matching Control. Resistor value should be ten times the characteristic impedance of the cable.
In the common case of 50
Ω transmission line, an external 530Ω resistor must be connected between AVCC
and this pin.
Reserved Pin Description
Pin Name
Pin #
Type
Description
RSVD
1
Out
This signal must be left unconnected.
Power and Ground Pin Description
Pin Name
Pin #
Type
Description
VCC
39
Power
Core VCC, must be set to 3.3V.
50
61
GND
11
Ground
Digital GND.
37
62
OVCC
15
Power
Output VCC, must be set to 3.3V.
28
48
OGND
4
Ground
Output GND.
13
26
46
AVCC
63
Power
Analog VCC, must be set to 3.3V.
69
AGND
66
Ground
Analog GND.
72
PVCC
77
Power
PLL VCC, must be set to 3.3V.
PGND
78
Ground
PLL GND.
Application Information
The SiI141B is pin for pin compatible with the SiI141 but includes two new features, HSYNC de-jitter and power
down when the clock is inactive.
HSYNC de-jitter enables the 141B to operate properly even when the HSYNC signal contains jitter. Pin 75 is used
to enable or disable this capability (a reserved pin tied high on the SiI141). Tying this pin low enables the HSYNC
de-jitter circuitry while tying it high disables the circuitry. The HSYNC de-jitter circuitry operates normally with most
VESA standard timings. Some DOS mode resolutions do not have timings that are a multiple of eight (HSYNC
and VSYNC total times and front and back porch times are multiples of eight pixel times). If they are not a multiple
of eight, operation is not guaranteed and the HSYNC de-jitter circuitry should be turned off. When HSYNC de-
jitter is enabled, the circuitry will introduce anywhere from 0 to 7 CLK delays in the HSYNC signal relative to the
output data.
The SiI141B includes a new power saving feature, power down with clock detect circuit. The SiI141B will go into a
low power mode when there is no video clock coming from the transmitter. In this mode the entire chip is powered
down except the clock detect circuitry. During this mode digital I/O are set to a high impedance (tri-state) mode. A
weak internal pull-down device brings each output to ground. The device power down and wake-up times are
shown in Figures 6 and 7.
The SiI141B also includes a sync detect feature for pin compatibility with SiI141. In both the SiI141 and SiI141B,
SCDT goes low when DE is inactive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com