Electronic Components Datasheet Search
  English  ▼

X  

DF339 Datasheet(PDF) 7 Page - PADAUK Technology.

Part # DF339
Description  3-Phase Brushless DC Motor Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

DF339 Datasheet(HTML) 7 Page - PADAUK Technology.

Back Button DF339 Datasheet HTML 3Page - PADAUK Technology. DF339 Datasheet HTML 4Page - PADAUK Technology. DF339 Datasheet HTML 5Page - PADAUK Technology. DF339 Datasheet HTML 6Page - PADAUK Technology. DF339 Datasheet HTML 7Page - PADAUK Technology. DF339 Datasheet HTML 8Page - PADAUK Technology. DF339 Datasheet HTML 9Page - PADAUK Technology. DF339 Datasheet HTML 10Page - PADAUK Technology. DF339 Datasheet HTML 11Page - PADAUK Technology.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DF339
3-Phase Brushless DC Motor Controller
©Copyright 2017, PADAUK Technology Co., Ltd.
Page 7 of 11
PDK-DS-DF339-EN-V000 – Jun. 28, 2017
3. DC Characteristics
Symbol
Description
Min.
Typ
Max.
Unit
Conditions (Ta=25
oC)
VDD
Operating Voltage
4.75
5.0
5.25
V
IOP
Operating Current
10
mA
VIL
Input low voltage for IO
lines
0
0.3VDD
V
VIH
Input high voltage for IO
lines
0.7 VDD
VDD
V
IOL
IO lines sink current
10
mA
VDD=5.0V, VOL=0.5V
IOH
IO lines drive current
-7
mA
VDD=5.0V, VOH=4.5V
RPH
Pull-high Resistance
100
KΩ
VDD=5.0V
VBRD
Broun-out Detect Voltage
3.5
V
After DF339 configuration
VPOR
Power-On Reset Voltage
2
V
θja
Thermal resistance from
junction to ambient
75
°C/W
θjc
Thermal resistance
junction to top of case
25
°C/W
3.1. Absolute Maximum Ratings
Supply Voltage ……………………………...... 4.75V ~ 5.25V
Input Voltage ………………………………….. -0.3V ~ VDD + 0.3V
Operating Temperature ……………………… -20
oC ~ 70 oC
Storage Temperature ………………………… -50
oC ~ 125 oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com