Electronic Components Datasheet Search
  English  ▼

X  

DF339 Datasheet(PDF) 8 Page - PADAUK Technology.

Part # DF339
Description  3-Phase Brushless DC Motor Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

DF339 Datasheet(HTML) 8 Page - PADAUK Technology.

Back Button DF339 Datasheet HTML 3Page - PADAUK Technology. DF339 Datasheet HTML 4Page - PADAUK Technology. DF339 Datasheet HTML 5Page - PADAUK Technology. DF339 Datasheet HTML 6Page - PADAUK Technology. DF339 Datasheet HTML 7Page - PADAUK Technology. DF339 Datasheet HTML 8Page - PADAUK Technology. DF339 Datasheet HTML 9Page - PADAUK Technology. DF339 Datasheet HTML 10Page - PADAUK Technology. DF339 Datasheet HTML 11Page - PADAUK Technology.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DF339
3-Phase Brushless DC Motor Controller
©Copyright 2017, PADAUK Technology Co., Ltd.
Page 8 of 11
PDK-DS-DF339-EN-V000 – Jun. 28, 2017
4. Block Diagram
5. Functional Description
DF339 is a controller which is target for 3-phase brushless DC motor with hall sensor; there are five functional
modules inside the DF339: Main Control, Current Detector, Motor Sequence Control, Position Detector and
Interface. Its functional descriptions are shown as below:
5.1. Main Control
This Main Control module is coordinator to maintain the finite state of the system. It receives the command
passed by user interface detector and motor current from current detector module, and then determines the
next action for motor based on those two received conditions.
5.2. Current Detector
This module is used to detect the feedback current of motor (ISENSE_IN) and send to main control module, the
main control will stop the motor whenever the sensing current reaches the value corresponding to over current
protection.
5.3. Motor Sequence Control
The motor sequence control module controls the power MOSFET ON/OFF of motor. It depends on the position
information sent by position detector module to output the six driving signals (PWM_AH, PWM_AL, PWM_BH,
PWM_BL, PWM_CH, and PMW_CL) that can be directly associated to the sequence phase of motor.
Motor
Sequence
PWM_AH
PWM_BH
PWM_CL
ISENSE_IN
Current
Detector
Main
Control
Interface
PWM_IN
FG/RD
Position
Detector
HALL_A
HALL_B
HALL_C
DF339



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com