Electronic Components Datasheet Search
  English  ▼

X  

PMS15B Datasheet(PDF) 68 Page - PADAUK Technology.

Part # PMS15B
Description  8bit OTP Type IO Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS15B Datasheet(HTML) 68 Page - PADAUK Technology.

Back Button PMS15B Datasheet HTML 60Page - PADAUK Technology. PMS15B Datasheet HTML 61Page - PADAUK Technology. PMS15B Datasheet HTML 62Page - PADAUK Technology. PMS15B Datasheet HTML 63Page - PADAUK Technology. PMS15B Datasheet HTML 64Page - PADAUK Technology. PMS15B Datasheet HTML 65Page - PADAUK Technology. PMS15B Datasheet HTML 66Page - PADAUK Technology. PMS15B Datasheet HTML 67Page - PADAUK Technology. PMS15B Datasheet HTML 68Page - PADAUK Technology.  
Zoom Inzoom in Zoom Outzoom out
 68 / 68 page
background image
PMS15B/PMS150G Family
8 bit OTP Type IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 68 of 68
PDK-DS-PMS15B/PMS150G-EN-V003–Jul. 24, 2020
9.3. Using ICE
Please use PDK5S-I-S01/2(B) ICE to emulate most of PMS15B/PMS150G function except as the list below:
(1) PDK5S-I-S01/2(B) doesn’t support SYSCLK=ILRC/16
(2) PDK5S-I-S01/2(B) doesn’t support PA6 and PA7 as the CIN- of the comparator.
(3) PDK5S-I-S01/2(B) doesn’t support TM2PWM output of PA4.
(4) PDK5S-I-S01/2(B) doesn’t support the INTEGS the Bit[7:6] dynamically switched.
(5) When GPCS[7]=1, the output of PA0 will affect the High function of PA3.
(6) When simulating PWM waveform, please check the waveform during program running. When the ICE is
suspended or single-step running, its waveform may be inconsistent with the reality.
(7) The ILRC frequency of the PDK5S-I-S01/2(B) simulator is different from the actual IC and is uncalibrated,
with a frequency range of about 34K~38KHz.
(8) Fast Wakeup time is different from PDK5S-I-S01/2(B): 128 SysClk, PMS15B/PMS150G: 32 ILRC
(9) Watch dog time out period is different from PDK5S-I-S01/2(B):
WDT period
PMS15B/PMS150G
PDK5S-I-S01/2(B)
misc[1:0]=00
8K* TILRC
2048* TILRC
misc[1:0]=01
16K* TILRC
4096* TILRC
misc[1:0]=10
64K* TILRC
16384* TILRC
misc[1:0]=11
256K* TILRC
256* TILRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com