Electronic Components Datasheet Search
  English  ▼

X  

TLC2272CP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272CP
Description  TLC227x, TLC227xA: Advanced LinCMOS Rail-to-Rail Operational Amplifiers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2272CP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC2272CP Datasheet HTML 9Page - Texas Instruments TLC2272CP Datasheet HTML 10Page - Texas Instruments TLC2272CP Datasheet HTML 11Page - Texas Instruments TLC2272CP Datasheet HTML 12Page - Texas Instruments TLC2272CP Datasheet HTML 13Page - Texas Instruments TLC2272CP Datasheet HTML 14Page - Texas Instruments TLC2272CP Datasheet HTML 15Page - Texas Instruments TLC2272CP Datasheet HTML 16Page - Texas Instruments TLC2272CP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
13
TLC2272, TLC2272A, TLC2272M, TLC2272AM
TLC2274, TLC2274A, TLC2274M, TLC2274AM
www.ti.com
SLOS190H – FEBRUARY 1997 – REVISED MARCH 2016
Product Folder Links: TLC2272 TLC2272A TLC2272M TLC2272AM TLC2274 TLC2274A TLC2274M TLC2274AM
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
(1)
For all graphs where VDD = 5 V, all loads are referenced to 2.5 V.
(2)
Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
6.9 Typical Characteristics
Table 1. Table of Graphs
FIGURE(1)
VIO
Input offset voltage
Distribution
1, 2, 3, 4
vs Common-mode voltage
5, 6
αVIO
Input offset voltage temperature coefficient
Distribution
7, 8, 9, 10(2)
IIB /IIO
Input bias and input offset current
vs Free-air temperature
11(2)
VI
Input voltage
vs Supply voltage
12
vs Free-air temperature
13(2)
VOH
High-level output voltage
vs High-level output current
14(2)
VOL
Low-level output voltage
vs Low-level output current
15, 16(2)
VOM+
Maximum positive peak output voltage
vs Output current
17(2)
VOM-
Maximum negative peak output voltage
vs Output current
18(2)
VO(PP)
Maximum peak-to-peak output voltage
vs Frequency
19
IOS
Short-circuit output current
vs Supply voltage
20
vs Free-air temperature
21(2)
VO
Output voltage
vs Differential input voltage
22, 23
AVD
Large-signal differential voltage amplification
vs Load resistance
24
Large-signal differential voltage amplification and phase margin
vs Frequency
25, 26
Large-signal differential voltage amplification
vs Free-air temperature
27(2), 28(2)
z0
Output impedance
vs Frequency
29, 30
CMRR
Common-mode rejection ratio
vs Frequency
31
vs Free-air temperature
32
kSVR
Supply-voltage rejection ratio
vs Frequency
33, 34
vs Free-air temperature
35(2)
IDD
Supply current
vs Supply voltage
36(2), 37(2)
vs Free-air temperature
38(2), 39(2)
SR
Slew rate
vs Load Capacitance
40
vs Free-air temperature
41(2)
VO
Inverting large-signal pulse response
42, 43
Voltage-follower large-signal pulse response
44, 45
Inverting small-signal pulse response
46, 47
Voltage-follower small-signal pulse response
48, 49
Vn
Equivalent input noise voltage
vs Frequency
50, 51
Noise voltage over a 10-second period
52
Integrated noise voltage
vs Frequency
53
THD+N
Total harmonic distortion + noise
vs Frequency
54
Gain-bandwidth product
vs Supply voltage
55
vs Free-air temperature
56(2)
φm
Phase margin
vs Load capacitance
57
Gain margin
vs Load capacitance
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com