Electronic Components Datasheet Search
  English  ▼

X  

TLC2272CP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272CP
Description  TLC227x, TLC227xA: Advanced LinCMOS Rail-to-Rail Operational Amplifiers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2272CP Datasheet(HTML) 2 Page - Texas Instruments

  TLC2272CP Datasheet HTML 1Page - Texas Instruments TLC2272CP Datasheet HTML 2Page - Texas Instruments TLC2272CP Datasheet HTML 3Page - Texas Instruments TLC2272CP Datasheet HTML 4Page - Texas Instruments TLC2272CP Datasheet HTML 5Page - Texas Instruments TLC2272CP Datasheet HTML 6Page - Texas Instruments TLC2272CP Datasheet HTML 7Page - Texas Instruments TLC2272CP Datasheet HTML 8Page - Texas Instruments TLC2272CP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
2
TLC2272, TLC2272A, TLC2272M, TLC2272AM
TLC2274, TLC2274A, TLC2274M, TLC2274AM
SLOS190H – FEBRUARY 1997 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TLC2272 TLC2272A TLC2272M TLC2272AM TLC2274 TLC2274A TLC2274M TLC2274AM
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 6
6.5
TLC2272 and TLC2272A Electrical Characteristics
VDD = 5 V ................................................................... 6
6.6
TLC2272 and TLC2272A Electrical Characteristics
VDD± = ±5 V................................................................ 8
6.7
TLC2274 and TLC2274A Electrical Characteristics
VDD = 5 V ................................................................... 9
6.8
TLC2274 and TLC2274A Electrical Characteristics
VDD± = ±5 V.............................................................. 11
6.9
Typical Characteristics ............................................ 13
7
Detailed Description ............................................ 24
7.1
Overview ................................................................. 24
7.2
Functional Block Diagram ....................................... 24
7.3
Feature Description................................................. 24
7.4
Device Functional Modes........................................ 24
8
Application and Implementation ........................ 25
8.1
Application Information............................................ 25
8.2
Typical Application .................................................. 26
9
Power Supply Recommendations ...................... 28
10
Layout................................................................... 29
10.1
Layout Guidelines ................................................. 29
10.2
Layout Example .................................................... 29
11
Device and Documentation Support ................. 30
11.1
Related Links ........................................................ 30
11.2
Community Resources.......................................... 30
11.3
Trademarks ........................................................... 30
11.4
Electrostatic Discharge Caution ............................ 30
11.5
Glossary ................................................................ 30
12
Mechanical, Packaging, and Orderable
Information ........................................................... 30
4 Revision History
Changes from Revision G (May 2004) to Revision H
Page
•
Added Feature Description section, Device Functional Modes, Application and Implementation section, Power
Supply Recommendations section, Layout section, Device and Documentation Supportsection, and Mechanical,
Packaging, and Orderable Information section. ..................................................................................................................... 1
•
Added ESD Rating table for the D and PW package devices. .............................................................................................. 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com