Electronic Components Datasheet Search
  English  ▼

X  

ALF51 Datasheet(PDF) 2 Page - DFI Inc

Part # ALF51
Description  Intel Atom Processor E3900 Series 1.8 SBC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ALF51 Datasheet(HTML) 2 Page - DFI Inc

  ALF51 Datasheet HTML 1Page - DFI Inc ALF51 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Ordering Information
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © August 18, 2020 DFI Inc.
ALF51
SYSTEM
Processor
Intel Atom® Processor E3900 Family, BGA 1296
Intel Atom® x5-E3940 Processor, Quad Core, 2M Cache, 1.6GHz (1.8GHz), 9.5W
Intel Atom® x5-E3930 Processor, Dual Core, 2M Cache, 1.3GHz (1.8GHz), 6.5W
Intel® Pentium® Processor N4200, Quad Core, 2M Cache, 1.1GHz (2.5GHz), 6W
Intel® Celeron® Processor N3350, Dual Core, 2M Cache, 1.1GHz (2.4GHz), 6W
Memory
2GB/4GB LPDDR4 Memory Down
Single Channel LPDDR4 2400MHz
BIOS
Insyde SPI 128Mbit (supports UEFI boot only)
GRAPHICS
Controller
Intel® HD Graphics
Feature
OpenGL 4.2, Direct X 11.1, OpenCL 1.2, OGL ES 3.0
HW Decode: H.264, MPEG2, VC1, VP8, H.265, MPEG4
HW Encode: H.264, MPEG2, MPEG4
Display
1 x Mini DP++
Mini DP++: resolution up to 4096x2160 @ 60Hz
EXPANSION
Interface
1 x Full-size Mini PCIe (PCIe/USB 2.0, optional USB 3.1 Gen1/USB 2.0)
ETHERNET
Controller
2 x Intel® I211AT PCIe (10/100/1000Mbps) or
2 x Intel® I210IT PCIe (10/100/1000Mbps)
REAR I/O
Ethernet
2 x GbE (RJ-45)
USB
2 x USB 3.1 Gen 1
Display
1 x Mini DP++
INTERNAL I/O
Serial
1 x RS-232/422/485 (1.27mm pitch)
USB
1 x USB 2.0 (1.27mm pitch)
DIO
1 x 8-bit DIO
SMBus
1 x SMBus
STORAGE
eMMC
1 x 16GB/32GB/64GB eMMC
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
fTPM 2.0
POWER
Type
Single 12V +/-10% DC
Connector
2-pin Terminal Block
Consumption
Typical: E3940:12V @ 0.29A (3.48Watt)
Max.: E3940:12V @ 1.30A (15.6Watt)
RTC Battery
CR2032 Coin Cell
OS SUPPORT
(UEFI Only)
Microsoft/Linux
Windows 10 IoT Enterprise 64-bit
Linux
ENVIRONMENT
Temperature
Operating: 0 to 60°C (Option: -20 to 70°C / -40 to 85 °C)
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
868,962 hrs @ 25°C; 638,889 hrs @ 45°C ; 465,382 hrs @ 60°C
MECHANICAL
Dimensions
1.8" SBC Form Factor
84mm (3.31") x 55mm (2.17")
Height
PCB: 1.6mm
Top Side: 15mm, Bottom Side: 8mm
CERTIFICATIONS
CE, FCC, RoHS
Model Name
P/N
Processor Memory eMMC Display
GbE RS-232/422/485 USB 3.1 Gen 1 USB 2.0 Power Thermal Temp.
ALF51-BN-26E40 770-ALF511-000G X5-E3940 2 GB
64 GB Mini DP++ 2
1
2
1
12VDC Fanless 0 to 60°C
ALF51-BN-26E30 770-ALF511-100G X5-E3930 2 GB
64 GB Mini DP++ 2
1
2
1
12VDC Fanless 0 to 60°C
ALF51-BN-26N50 770-ALF511-200G N3350
2 GB
64 GB Mini DP++ 2
1
2
1
12VDC Fanless 0 to 60°C
ALF51-EN-26E40 770-ALF511-300G X5-E3940 2 GB
64 GB Mini DP++ 2
1
2
1
12VDC Fanless -20 to 70°C
ALF51-EN-26E30 770-ALF511-400G X5-E3930 2 GB
64 GB Mini DP++ 2
1
2
1
12VDC Fanless -20 to 70°C
ALF51-TN-26E40 770-ALF511-500G X5-E3940 2 GB
64 GB Mini DP++ 2
1
2
1
12VDC Fanless -40 to 85°C
ALF51-TN-26E30 770-ALF511-600G X5-E3930 2 GB
64 GB Mini DP++ 2
1
2
1
12VDC Fanless -40 to 85°C
ALF51-BN-46E40 770-ALF511-700G X5-E3940 4 GB
64 GB Mini DP++ 2
1
2
1
12VDC Fanless -0 to 60°C
ALF51-TN-46E40 770-ALF511-800G X5-E3940 4 GB
64 GB Mini DP++ 2
1
2
1
12VDC Fanless -40 to 85°C
*Note: N4200 by request
Packing List
Optional Items
• 1 ALF51 board
• 1 USB port cable (Length: 200mm)
A81-001076-016G
• 1 COM port cable (Height: 300mm)
A81-015050-016G
• 1 Heat spreader (Height: 11mm)
A71-808314-000G
• Heat sink for E series CPU 0 to 60°C / wide temp
(Height: 27mm)
A71-008110-000G
• Heat sink for N series CPU 0 to 60°C (Height: 23mm)) A71-008113-000G
• Power adapter (60W, 12V, DC jack)
+ 2 pole terminal to DC Jack cable
671-106012-000G
A81-004013-000G



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com