Electronic Components Datasheet Search
  English  ▼

X  

ALF51 Datasheet(PDF) 1 Page - DFI Inc

Part # ALF51
Description  Intel Atom Processor E3900 Series 1.8 SBC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ALF51 Datasheet(HTML) 1 Page - DFI Inc

  ALF51 Datasheet HTML 1Page - DFI Inc ALF51 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Intel Atom® Processor E3900 Series
1.8" SBC
Mechanical Drawing
Block Diagram
Features
ALF51
Intel Atom®
Processor
Super IO
with WDT
Digital I/O 8-bit
LPDDR4 2400MHz
Channel A
PCIe x1
(USB3.1 optional)
LPC Bus
SMBus
SMBus
SPI
Full-size
Mini PCIe
USB 2.0
USB 3.1 Gen1/2.0 2x
USB 3.1 Gen1
USB 2.0
USB 1x
USB 2.0
RS-232/422/485 1x
I211AT
I211AT
PCIe x1
PCIe x1
GLAN 2
GLAN 1
I210IT (opt.)
I210IT (opt.)
Mini DP++
eMMC
eMMC
Atom
• Small form factor 1.8" SBC for space-limited applications
• Single Channel LPDDR4 Memory Down up to 4GB
• Mini DP++ resolution supports up to 4096x2160 @ 60Hz
• Expansion and Storage: 1 Mini PCIe, 1 SMBus
• Rich I/O: 2 Intel GbE, 1 COM, 2 USB 3.1 Gen 1, 1 USB 2.0
Top View
Bottom View
LAN
USB 3.1 Gen 1
Mini PCIe
2-pin Terminal
Block (DC 12V)
DIO
Intel Atom®
Processor
* Populated by default
COM 1
Mini PCIe
LAN
4K2K
Display
4096x2160
Wide
Temperature
-400C
850C
DDR4
onboard
eMMC
Mini DP
DDR4
DDR4
eMMC
SMBus
Front panel


Similar Part No. - ALF51

ManufacturerPart #DatasheetDescription
logo
Altech corporation
ALF5-012 ALTECH-ALF5-012 Datasheet
444Kb / 1P
30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
ALF5-024 ALTECH-ALF5-024 Datasheet
444Kb / 1P
30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
ALF5-048 ALTECH-ALF5-048 Datasheet
444Kb / 1P
30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
ALF5-110 ALTECH-ALF5-110 Datasheet
444Kb / 1P
30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
ALF5-230 ALTECH-ALF5-230 Datasheet
444Kb / 1P
30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
More results

Similar Description - ALF51

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-7569 ADVANTECH-SOM-7569 Datasheet
832Kb / 2P
Intel Atom E3900 Pentium
logo
DFI Inc
AL05P DFI-AL05P Datasheet
763Kb / 2P
Intel Atom Processor E3900 Series 2.5 Pico-ITX
AL9A3 DFI-AL9A3 Datasheet
1Mb / 2P
Intel Atom Processor E3900 Series COM Express Mini
AL253 DFI-AL253 Datasheet
943Kb / 2P
Intel Atom Processor E3900 Series 4 SBC
AL553 DFI-AL553 Datasheet
939Kb / 2P
Intel Atom Processor E3900 Series 3.5 SBC
AL700 DFI-AL700 Datasheet
624Kb / 2P
Intel Atom Processor E3900 Series Qseven
AL701 DFI-AL701 Datasheet
1Mb / 1P
Intel Atom Processor E3900 Series Qseven
AL968 DFI-AL968 Datasheet
931Kb / 2P
Intel Atom Processor E3900 Series COM Express Compact
logo
Adlink Technology Inc.
MXE-210 ADLINK-MXE-210 Datasheet
711Kb / 2P
Intel Atom Processor E3900 Family-Based Embedded platform
logo
Advantech Co., Ltd.
EPC-S202 ADVANTECH-EPC-S202 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com