Electronic Components Datasheet Search
  English  ▼

X  

BT259 Datasheet(PDF) 2 Page - DFI Inc

Part # BT259
Description  Intel Atom E3800 Series 4 SBC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

BT259 Datasheet(HTML) 2 Page - DFI Inc

  BT259 Datasheet HTML 1Page - DFI Inc BT259 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PROCESSOR
• Intel® AtomTM E3845, Quad Core, 2M Cache, 1.91GHz, 10W
• Intel® Celeron® J1900, Quad Core, 2M Cache, 2GHz (2.41GHz), 10W
• BGA 1170 packaging technology
• 22nm process technology
SYSTEM MEMORY
• Supports 4GB DDR3L onboard 1333MHz (E3845)
Supports 2GB DDR3L onboard 1066MHz (J1900)
• Supports single channel memory interface
EXPANSION SLOTS
• 2 Mini PCIe slots
- 1 full size slot for communication
: Supports PCIe, USB, and 3G signals for 3G or GPRS module
- 1 full size slot for storage
: Supports mSATA module
ONBOARD GRAPHICS FEATURES
• Intel® HD Graphics
• Display ports: 1 VGA or 1 DVI-I (option)
• DVI: resolution up to 1920x1080 @ 60Hz
• VGA: 24-bit, resolution up to 2560x1600 @ 60Hz
ONBOARD LAN FEATURES
• 4 Intel® I210 PCI Express Gigabit Ethernet controllers
• Integrated 10/100/1000 transceiver
• Fully compliant with IEEE 802.3, IEEE 802.3u, IEEE 802.3ab
STORAGE
• 1x 2.5" SATA drive bay
- SATA 2.0 port with data transfer rate up to 3Gb/s
• 1 mSATA module via a Mini PCIe slot
FRONT PANEL I/O PORTS
• 2 DB-9 serial ports
- supports RS232/422/485
- One of the ports supports 8-bit DIO
• 1 USB 3.0 (Type A) port
• 2 RJ45 LAN ports
• 1 status LED
• 1 HDD LED
• 1 reset button
• 1 power button
REAR PANEL I/O PORTS
• 1 DB-9 serial port
- supports RS232/422/485
• 1 VGA port; or 1 DVI-I port (option)
• 4 USB 2.0 (Type A) ports
• 2 RJ45 LAN ports
• 1 16~24V DC-in jack
I/O CONNECTORS
• 1 connectors for USB 2.0
• 1 Serial ATA connector
• 1 Serial ATA power connector
BIOS
• AMI BIOS
- 64Mbit SPI BIOS
WATCHDOG TIMER
• Watchdog timeout programmable via software from 1 to 255 seconds
ENERGY EFFICIENT DESIGN
• Supports ACPI
• System Power Management
• Wake-On-Events include:
- Wake-On-USB KB/Mouse*
- Wake-On-LAN
- RTC timer to power-on the system
• AC power failure recovery
POWER CONSUMPTION
• BT259-45-I-B-4: 21.8W with E3845 at 1.91GHz and 4GB DDR3L memory down
OS SUPPORT
• Windows 7, WES 7, Windows 8.1, WES 8
• Linux
Note: Windows 10 will be available upon request. Please contact DFI for more information.
TEMPERATURE
• Operating: 0°C~60°C
• Storage: -20°C~85°C
HUMIDITY
• 5% to 90%
MTBF
• 367,838 hrs @ 25°C; 204,902 hrs @ 45°C
• Calculation model: Telcordia Issue 2, Method I Case 3
• Environment: GB, GC – Ground Benign, Controlled
DIMENSIONS
• 4" board
• 165mm (6.49") x 115mm (4.53")
CERTIFICATION
• CE, FCC Class B, RoHS
Intel® AtomTM E3800 Series
4" SBC
Specifications
Packing List
Optional Items
Ordering Information
BT259
* Optional and is not supported in standard model. Please contact your sales representative for more information.
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 23, 2019 DFI Inc.
• 1 BT259 board
• 1 Serial ATA data with power cable: A81-002008-000G
• 1 Heat spreader: A31-030022-200G
• USB port cable: A81-001032-016G
• Power adapter (120W, 19V, Level 6) : 671-110003-100G
Model Name
Processor
Memory
RS232/422/485
Power
Thermal Temperature
BT259-45-I-B-4
Intel® AtomTM E3845, Quad Core, 2M Cache, 1.91GHz, 10W
4GB
3
16~24V DC-in
Fanless
0oC to 60oC
BT259-19-I-B-2
Intel® Celeron® J1900, Quad Core, 2M Cache, 2GHz (2.41GHz), 10W
2GB
3
16~24V DC-in
Fanless
0oC to 60oC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com