Electronic Components Datasheet Search
  English  ▼

X  

BT259 Datasheet(PDF) 1 Page - DFI Inc

Part # BT259
Description  Intel Atom E3800 Series 4 SBC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

BT259 Datasheet(HTML) 1 Page - DFI Inc

  BT259 Datasheet HTML 1Page - DFI Inc BT259 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.00
113.00
115.00
8.00
18.00
93.20
36.13
17.41
95.20
103.20
63.08
11.65
Intel® AtomTM E3800 Series
4" SBC
Mechanical Drawing
Block Diagram
Features
BT259
DDR3L
Bottom View
Top View
Atom SoC
SATA Power
USB 2.0
LAN 2
DC-in
Mini PCIe
Battery
COM 3
LAN 1 USB 2.0
VGA
SATA 2.0
mSATA
DDR3L
MEMORY
2GB/4GB DDR3L memory down
EXPANSION
2 Mini PCIe
DISPLAY OUTPUTS 1 VGA or 1 DVI-I (option)
LAN
4 LAN
COM
3 COM
USB
6 USB: 1 USB 3.0, 5 USB 2.0
STORAGE
1 SATA 2.0, mSATA
DIMENSIONS
165mm x 115mm (6.49" x 4.53")
mSATA
USB 3.0
Atom
E3800
Series/
Celeron
COM 3x
H/W Monitor
Super IO
with WDT
Digital I/O
8-bit (Opt.)
2GB/4GB DDR3L
memory down
DDR3L
1066/1333MHz
GLAN I210AT
GLAN I210AT
PCIe x1
PCIe x1
USB 1x
USB 3.0
USB 2x USB 2.0
Mini PCIe
LPC
PCIe x1
USB 2.0 (HSIC)
SATA 2.0
USB4604 USB HSIC
USB 2x
USB 2.0
USB 2.0
SATA 1x
VGA
DDI/DVI
DVI-I
(Opt.)
SATA
mSATA
GLAN I210AT
GLAN I210AT
PCIe x1
PCIe x1
USB 2.0
Atom
DC-in
Wide
Temperature
-200C
600C
DDR3L
COM 2
COM 1
USB 3.0
LAN 3
LAN 4
Button


Similar Part No. - BT259

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT252 ETC1-BT252 Datasheet
1Mb / 34P
20 MSPS Monolithic CMOS Single-Channel 8-Bit Image Digitizer
logo
GSR Technology Ltd
BT253 GSR-BT253 Datasheet
495Kb / 2P
Intel짰 AtomTM E3800 Series 4"||" "1148193
Intel짰 AtomTM E3800 Series 3.5"||" "1148194
logo
DFI Inc
BT253 DFI-BT253 Datasheet
1Mb / 2P
Intel Atom E3800 Series 4 SBC
logo
GSR Technology Ltd
BT253-C2-E25 GSR-BT253-C2-E25 Datasheet
495Kb / 2P
Intel짰 AtomTM E3800 Series 4"||" "1148193
Intel짰 AtomTM E3800 Series 3.5"||" "1148194
logo
DFI Inc
BT253-C2-E25 DFI-BT253-C2-E25 Datasheet
1Mb / 2P
Intel Atom E3800 Series 4 SBC
More results

Similar Description - BT259

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMQ-I2301 ETC2-EMQ-I2301 Datasheet
976Kb / 2P
Intel Atom E3800 series processor Qseven??CPU Module
logo
Protech Systems Co., Lt...
EB-591LF PROTECHSYSTEMS-EB-591LF Datasheet
716Kb / 2P
3.5" SBC supports Intel Atom?
logo
GSR Technology Ltd
BT968 GSR-BT968 Datasheet
403Kb / 2P
Intel Atom® Processor E3800 Series, BGA 1170
logo
List of Unclassifed Man...
IB897 ETC1-IB897 Datasheet
355Kb / 1P
Intel짰 Atom??Processor E3800 Series 3.5-inch Disk-Size SBC
logo
DFI Inc
BT9A3 DFI-BT9A3 Datasheet
1Mb / 2P
Intel Atom E3800 Series COM Express Mini
BT253 DFI-BT253 Datasheet
1Mb / 2P
Intel Atom E3800 Series 4 SBC
BT551 DFI-BT551 Datasheet
853Kb / 2P
Intel Atom E3800 Series 3.5
AL253 DFI-AL253 Datasheet
943Kb / 2P
Intel Atom Processor E3900 Series 4 SBC
AL553 DFI-AL553 Datasheet
939Kb / 2P
Intel Atom Processor E3900 Series 3.5 SBC
logo
Adlink Technology Inc.
ETX-BT ADLINK-ETX-BT Datasheet
299Kb / 4P
ETX Module with Intel Atom Processor E3800 Series SoC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com