Electronic Components Datasheet Search
  English  ▼

X  

ADC082S101 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC082S101
Description  2 Channel, 1 MSPS, 8-Bit A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC082S101 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button ADC082S101 Datasheet HTML 11Page - National Semiconductor (TI) ADC082S101 Datasheet HTML 12Page - National Semiconductor (TI) ADC082S101 Datasheet HTML 13Page - National Semiconductor (TI) ADC082S101 Datasheet HTML 14Page - National Semiconductor (TI) ADC082S101 Datasheet HTML 15Page - National Semiconductor (TI) ADC082S101 Datasheet HTML 16Page - National Semiconductor (TI) ADC082S101 Datasheet HTML 17Page - National Semiconductor (TI) ADC082S101 Datasheet HTML 18Page - National Semiconductor (TI) ADC082S101 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Applications Information (Continued)
conversion, it is necessary to clock in the data indicating the
input that is selected for the conversion after the current one.
See Tables 1, 2 and Table 3.
If CS and SCLK go low simultaneously, it is the following
rising edge of SCLK that is considered the first rising edge
for clocking data into DIN.
There are no power-up delays or dummy conversions re-
quired with the ADC082S101. The ADC is able to sample
and convert an input to full conversion immediately following
power up. The first conversion result after power-up will be
that of IN1.
TABLE 1. Control Register Bits
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DONTC
DONTC
ADD2
ADD1
ADD0
DONTC
DONTC
DONTC
TABLE 2. Control Register Bit Descriptions
Bit #:
Symbol:
Description
7-6,2-0
DONTC
Don’t care. The value of these bits do not affect the device.
3
ADD0
These bits determine which input channel will be sampled and converted in
the next track/hold cycle. The mapping between codes and channels is
shown in Table 3.
4
ADD1
5
ADD2
TABLE 3. Input Channel Selection
ADD2
ADD1
ADD0
Input Channel
x
0
0
IN1 (Default)
x
0
1
IN2
x
1
x
Not allowed. The output signal at the D
OUT
pin is indeterminate if ADD1 is high.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com